Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLSV2R200 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GLSV2R200
Description  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLSV2R200 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GLSV2R200 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSV2R200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
5
Insertion
3 dB Band
Inductance
Inductance
Impedance
Turns
Loss
Limits
Primary
Secondary
Model
(
Ω)
Ratio
(dB)
(MHz)
(MHz)
(
µH)
(
µH)
Figure
Number
50 : 1100
1 : 4.7
1.1
15
65
0.24
4.7
B
GLS Z112L4R7
50 : 140
1 : 1.66
1.6
0.2
5
32.7
79.0
B
GLS Z141L790
50 : 1.25
6.33 : 1
4.3
4
60
0.9
0.034
B
GLS Z1R3LR03
50 : 2000
1 : 6.33
2.7
100
340
0.036
0.98
B
GLS Z202LR98
50 : 2.2
4.7 : 1
2.0
1
20
5.1
0.255
B
GLS Z2R2LR26
50 : 370
1 : 2.71
1.6
30
400
0.15
0.9
B
GLS Z371LR90
50 : 450
1 : 3
0.9
30
380
0.14
1.1
A
GLS Z451L1R1
50 : 50
1 : 1
1.5
0.1
5
54.0
48.0
B
GLS Z500L480
50 : 50
1 : 1
1.4
15
450
0.22
0.22
A
GLS Z500LR22
50 : 500
1 : 3.15
1.5
0.7
28
6.5
55.0
A
GLS Z501L550
50 : 50
1 : 1
3.1
40
580
0.08
0.08
A
GLS Z500LR08
50 : 50
1 : 1
1.5
4
160
0.98
0.925
B
GLS Z500LR93
50 : 5.6
3 : 1
2.5
4
60
1.1
0.14
A
GLS Z5R6LR14
50 : 6.8
2.71 : 1
3.2
4
75
0.9
0.15
B
GLS Z6R8LR15
50 : 800
1 : 4
1.5
20
150
0.23
3.3
A
GLS Z801L3R3
APPLICATIONS
• RF circuits
• Telecommunications
• Mobile radio
FEATURES
• Compact design
• Suitable for automatic insertion
• Suitable for all soldering methods
• Wide frequency range
SPECIFICATIONS
Frequency Range: 25 kHz - 1 GHz
Operating Temperature Range:
–40°C to +125°C
Power Loss at 40°C: 100 mW max.
Soldering Heat Resistance: 230°C, 8 s
SURFACE MOUNT TRANSFORMER
4.5 x 3.4 x 3.1 mm — GLSZ SERIES
0.063
1.6
0.12
3.1
0.13
3.4
0.098
2.5
0.039
1.0
0.087
2.2
0.047
1.2
0.031
0.8
0.18
4.5
0.08
2.0
0.03
0.8
A
BC
D
DOT (ON TOP
SURFACE) DENOTES
POSITION OF
TERMINAL B
C
D
max
TYP
TYP
TYP
PAD LAYOUT
0.2
5.0
0.12
3.1
0.13
3.4
0.18
4.5
0.087
2.2
0.075
1.9
0.047
1.2
0.031
0.8
0.18
4.5
0.08
2.0
0.03
0.8
A
B
C
D
DOT (ON TOP
SURFACE) DENOTES
POSITION OF
TERMINAL B
C
D
TYP
TYP
max
PAD LAYOUT
TYP
FIGURE A
FIGURE B
A
B
C
D
PRIMARY
SECONDARY
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
0
-1
-2
-3
-4
-5
-6
1
25
101
25
102
25
103
2.4
µH
0.8
µH
0.22
µH
FREQUENCY (MHz)
dB
TYPICAL INSERTION LOSS


Similar Part No. - GLSV2R200

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
GLS OMRON-GLS Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-1 OMRON-GLS-1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-M1 OMRON-GLS-M1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-S1 OMRON-GLS-S1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
logo
Greenliant systems
GLS27SF010 GREENLIANT-GLS27SF010 Datasheet
951Kb / 23P
   Many-Time Programmable Flash
More results

Similar Description - GLSV2R200

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
CTX10-4P COOPER-CTX10-4P Datasheet
461Kb / 8P
   Power Inductors and Transformers
logo
Vishay Siliconix
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
   SMD Power Inductors and Transformers
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
   Current Sense Transformers and Inductors
logo
Filtran LTD
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
logo
Pulse A Technitrol Comp...
PA0648NL PULSE-PA0648NL Datasheet
78Kb / 1P
   SMT TRANSFORMERS
PE-68386NL PULSE-PE-68386NL Datasheet
1Mb / 2P
   SMT AND THT GATE DRIVE TRANSFORMERS
logo
Vishay Siliconix
PE30 VISHAY-PE30_08 Datasheet
131Kb / 6P
   Fully Sealed Container Cermet Potentiometer Military and Professional Grade
Revision: 04-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com