Electronic Components Datasheet Search |
|
DPFF6P18J-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics |
|
DPFF6P18J-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 3 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type DPFF High AC Current Polypropylene Film Capacitors High Voltage Single and Series Section Film/Foil Polypropylene Capacitors Highlights High dv/dt High AC current Good for pulse applications Low DF • • • • Specifications Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Temperature Range: Dielectric Strength: Dissipation Factor: Insulation Resistance: Life Test: Pulse Capability: Outline Drawing 0.001 to 0.47 µF 200 to 1600 Vdc (155 to 500 Vac 60 Hz) ±10% standard, ±5% optional –55 ºC to +105 ºC (derate linearly to 50% rated voltage at +105 ºC 250% (≤800 Vdc ) 200% (1200 and 1600 Vdc) for 1 minute 0.10% Max. (+25 ºC, 1 KHz) 50,000 MΩ·µF, 100,000 MΩ Min. 500 hr @ 85 ºC @ 125% rated voltage 0.032” (0.8 mm) Tinned Copper 1.18” Min (30 mm) NOTE: Other capacitance values, sizes and performance specifications are available. Please contact CDE. Rated Body Length Volts .700-.750 .900-.950 1.250-1.300 1.650-1.700 dV/dt — volts per microsecond, maximum 200 4600 2400 1400 720 400 6000 3200 1800 840 600 8000 6600 2800 1200 800 6000 3200 1200 6800 3200 1600 11600 6000 L Max. S .06” (1.5 mm). H Max. .250” Max. T Max. Type DPFF radial leaded polypropylene film/foil ca- pacitors feature single and series section construction. Part numbers with the “S” suffix have extended alu- minum foil with a floating metallized film. Excellent temperature stability to 105 ºC and low loss character- istics, make Type DPFF ideal for high AC current and pulse applications. RoHS Compliant Complies with the EU Directive 2 0 0 2 / 9 5 / E C r e q u i r e m e n t restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE). |
Similar Part No. - DPFF6P18J-F |
|
Similar Description - DPFF6P18J-F |