Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZ12N05 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GLZ12N05
Description  SURFCOIL SMT INDUCTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLZ12N05 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GLZ12N05 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLZ12N05 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLZ12N05 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLZ12N05 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLZ12N05 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLZ12N05 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLZ12N05 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLZ12N05 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLZ12N05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SURFCOIL
® SMT INDUCTORS
SG-800H
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 •TEL: 516-334-8700 •FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
3
GLY SERIES — LASER CUT 0603 SIZE
Inductance
Standard
SRF
Rated
DCR
L (nH)
Inductance
Model
(GHz)
Q Typ
Q min
Current
(
Ω)
(100 MHz)
Tolerance*
No.
min
(800 MHz)
(100 MHz)
(mA)
max
1.0
± 0.3 nH
GLY1N030
6.0
47
7
500
0.05
1.2
± 0.3 nH
GLY1N225
6.0
47
7
500
0.06
1.5
± 0.3 nH
GLY1N520
6.0
47
8
500
0.07
1.8
± 0.3 nH
GLY1N817
6.0
45
8
500
0.08
2.2
± 0.3 nH
GLY2N214
6.0
35
8
500
0.09
2.7
± 0.3 nH
GLY2N711
6.0
35
8
500
0.10
3.3
± 0.3 nH
GLY3N309
5.5
35
9
500
0.12
3.9
± 5%
GLY3N905
5.5
36
9
450
0.15
4.7
± 5%
GLY4N705
4.8
36
9
450
0.17
5.6
± 5%
GLY5N605
4.6
36
9
430
0.18
6.8
± 5%
GLY6N805
3.5
36
9
430
0.20
8.2
± 5%
GLY8N205
3.5
36
9
400
0.28
10.0
± 5%
GLY10N05
2.8
37
10
400
0.32
12.0
± 5%
GLY12N05
2.8
37
10
400
0.35
15.0
± 5%
GLY15N05
2.5
38
10
350
0.41
18.0
± 5%
GLY18N05
2.3
39
10
350
0.45
22.0
± 5%
GLY22N05
2.0
40
10
300
0.50
27.0
± 5%
GLY27N05
2.0
41
10
300
0.55
33.0
± 5%
GLY33N05
1.8
40
10
300
0.60
39.0
± 5%
GLY39N05
1.8
39
11
300
0.80
47.0
± 5%
GLY47N05
1.8
38
11
250
0.95
56.0
± 5%
GLY56N05
1.8
35
12
250
1.2
68.0
± 5%
GLY68N05
1.5
35
12
250
1.3
82.0
± 5%
GLY82N05
1.5
33
12
250
1.5
100.0
± 5%
GLYR1005
1.3
30
12
200
1.8
120.0
± 5%
GLYR1205
1.2
25
5
130
3.0
150.0
± 5%
GLYR1505
1.1
22
5
100
4.5
180.0
± 5%
GLYR1805
1.0
20
4
80
6.5
220.0
± 5%
GLYR2205
0.9
17
4
70
7.5
40
20
0
10
100
1000
FREQUENCY (MHz)
TYPICAL Q VERSUS FREQUENCY—GLY AND GLYC Series
Q
47 nH GLY
4.7 nH GLY
60
80
10000
10 nH GLYC
* ± 0.2 nH inductance tolerance is available for inductance values from 1.0 to 8.2 nH.
± 2% inductance tolerance is
available for inductance values of 10.0 nH and up. Consult factory regarding these special units.
GLYC SERIES — HIGH CURRENT LOW DCR LASER CUT 0603 SIZE
Inductance
Standard
SRF
Rated
DCR
L (nH)
Inductance
Model
(GHz)
Q min
Current
(m
Ω)
(100 MHz)
Tolerance
No.
min
(100 MHz)
(A)
max
2.2
± 10%
GLYC2N210
6.0
8
2.1
30
2.7
± 10%
GLYC2N710
5.0
8
2.1
30
3.3
± 10%
GLYC3N310
5.0
8
2.1
40
3.9
± 10%
GLYC3N910
5.2
9
2.1
40
4.7
± 10%
GLYC4N710
4.8
9
2.1
50
5.6
± 10%
GLYC5N610
4.6
9
2.1
55
6.8
± 10%
GLYC6N810
4.0
9
1.9
55
8.2
± 10%
GLYC8N210
3.5
9
1.7
60
10.0
± 10%
GLYC10N10
2.8
9
1.4
65
12.0
± 10%
GLYC12N10
2.5
9
1.3
80
15.0
± 10%
GLYC15N10
2.2
9
0.9
100
18.0
± 10%
GLYC18N10
2.0
9
0.8
120
22.0
± 10%
GLYC22N10
1.8
9
0.7
150
Carrier and reel specifications on page 12.
0.063
± 0.006
1.6
± 0.15
0.02
± 0.008
0.4
± 0.2
0.031
± 0.006
0.8
± 0.15
0.031
± 0.006
0.8
± 0.15
PAD LAYOUT
2
3
4
1
0.091
± 0.01
2.3
± 0.3
0.035
± 0.004
0.9
± 0.1
0.035
± 0.004
0.9
± 0.1
TYP
All dimensions are in/mm.
GLY and GLYC Series Outline Drawing
ITEM
1) Encapsulant
2) Terminal
3) Coil
4) Core
MATERIAL
Epoxy Resin
Tin coat
over Ni plate
Copper
Alumina


Similar Part No. - GLZ12N05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GLZ12 PANJIT-GLZ12 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Diotech Company.
GLZ12 DIOTECH-GLZ12 Datasheet
1Mb / 4P
   500mW SUFACE MOUNT ZENER DIODE
logo
EIC discrete Semiconduc...
GLZ12A EIC-GLZ12A Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ12A PANJIT-GLZ12A Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ12A FRONTIER-GLZ12A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
More results

Similar Description - GLZ12N05

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com