Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT83SND2C Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT83SND2C
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
Download  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2C Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT83SND2C_05 Datasheet HTML 5Page - ATMEL Corporation AT83SND2C_05 Datasheet HTML 6Page - ATMEL Corporation AT83SND2C_05 Datasheet HTML 7Page - ATMEL Corporation AT83SND2C_05 Datasheet HTML 8Page - ATMEL Corporation AT83SND2C_05 Datasheet HTML 9Page - ATMEL Corporation AT83SND2C_05 Datasheet HTML 10Page - ATMEL Corporation AT83SND2C_05 Datasheet HTML 11Page - ATMEL Corporation AT83SND2C_05 Datasheet HTML 12Page - ATMEL Corporation AT83SND2C_05 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 235 page
background image
9
AT8xC51SND2C
4341D–MP3–04/05
Table 14. Audio Power Signal Description
Table 15. Stereo Audio Dac and Mono Power Amplifier Signal Description
PVDD
PWR
PLL Supply voltage
Connect this pin to +3V supply voltage.
-
PVSS
GND
PLL Circuit Ground
Connect this pin to ground.
-
UVDD
PWR
USB Supply Voltage
Connect this pin to +3V supply voltage.
-
UVSS
GND
USB Ground
Connect this pin to ground.
-
Signal
Name
Type
Description
Alternate
Function
AUDVDD
PWR
Audio Digital Supply Voltage
-
AUDVSS
GND
Audio Circuit Ground
Connect these pins to ground.
-
ESDVSS
GND
Audio Analog Circuit Ground for Electrostatic Discharge.
Connect this pin to ground.
-
AUDVREF
PWR
Audio Voltage Reference pin for decoupling.-
HSVDD
PWR
Headset Driver Power Supply.-
HSVSS
GND
Headset Driver Ground.
Connect this pin to ground.
-
AUDVBAT
PWR
Audio Amplifier Supply.
-
Signal
Name
Type
Description
Alternate
Function
LPHN
O
Low Power Audio Stage Output
-
HPN
O
Negative Speaker Output
-
HPP
O
Positivie Speaker Output
-
CBP
O
Audio Amplifier Common Mode Voltage Decoupling
-
PAINN
I
Audio Amplifier Negative Input
-
PAINP
I
Audio Amplifier Positive Input
-
AUDRST
I
Audio Reset (Active Low)
-
MONON
O
Audio Negative Monaural Driver Output
-
MONOP
O
Audio Positive Monaural Driver Output-
AUXP
I
Audio Mono Auxiliary Positive Input
-
AUXN
I
Audio Mono Auxiliary Negative Input
-
HSL
O
Audio Left Channel Headset Driver Output
-
Signal
Name
Type
Description
Alternate
Function


Similar Part No. - AT83SND2C_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83SND2C ATMEL-AT83SND2C_06 Datasheet
2Mb / 241P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
More results

Similar Description - AT83SND2C_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51SND2C ATMEL-AT89C51SND2C Datasheet
1Mb / 236P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_06 Datasheet
2Mb / 241P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
AT83SND1C ATMEL-AT83SND1C_06 Datasheet
2Mb / 212P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
DOC4106 ATMEL-DOC4106 Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
T83C51SND1 ATMEL-T83C51SND1 Datasheet
868Kb / 60P
   Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
logo
Princeton Technology Co...
PT8401 PTC-PT8401 Datasheet
228Kb / 28P
   MP3 Audio Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com