Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM9R64 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT91SAM9R64
Description  Thumb Microcontrollers
Download  911 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9R64 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT91SAM9R64 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9R64 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 911 page
background image
9
6289A–ATARM–15-Jan-08
AT91SAM9R64/RL64 Preliminary
CFCS0 - CFCS1
CompactFlash Chip Select Lines
Output
Low
CFCS1 not present on AT91SAM9R64.
NAND Flash Support
NANDCS
NAND Flash Chip Select
Output
Low
NANDOE
NAND Flash Output Enable
Output
Low
NANDWE
NAND Flash Write Enable
Output
Low
SDRAM Controller
SDCK
SDRAM Clock
Output
SDCKE
SDRAM Clock Enable
Output
High
SDCS
SDRAM Controller Chip Select
Output
Low
BA0 - BA1
Bank Select
Output
SDWE
SDRAM Write Enable
Output
Low
RAS - CAS
Row and Column Signal
Output
Low
SDA10
SDRAM Address 10 Line
Output
Multimedia Card Interface MCI
CK
Multimedia Card Clock
I/O
CDA
Multimedia Card Slot A Command
I/O
DA0 - DA3
Multimedia Card Slot A Data
I/O
Universal Synchronous Asynchronous Receiver Transmitter USARTx
SCKx
USARTx Serial Clock
I/O
SCKx not present on AT91SAM9R64.
TXDx
USARTx Transmit Data
I/O
RXDx
USARTx Receive Data
Input
RTSx
USARTx Request To Send
Output
RTS0, RTS2, RTS3 not present on
AT91SAM9R64.
CTSx
USARTx Clear To Send
Input
CTS0, CTS2, CTS3 not present on
AT91SAM9R64.
DTR0
USART0 Data Terminal Ready
I/O
Not present on AT91SAM9R64.
DSR0
USART0 Data Set Ready
Input
Not present on AT91SAM9R64.
DCD0
USART0 Data Carrier Detect
Output
Not present on AT91SAM9R64.
RI0
USART0 Ring Indicator
Input
Not present on AT91SAM9R64.
Synchronous Serial Controller - SSCx
TD0 - TD1
SSC Transmit Data
Output
TD1 not present on AT91SAM9R64.
RD0 - RD1
SSC Receive Data
Input
RD1 not present on AT91SAM9R64.
TK0 - TK1
SSC Transmit Clock
I/O
TK1 not present on AT91SAM9R64.
RK0 - RK1
SSC Receive Clock
I/O
RK1 not present on AT91SAM9R64.
TF0 - TF1
SSC Transmit Frame Sync
I/O
TF1 not present on AT91SAM9R64.
RF0 - RF1
SSC Receive Frame Sync
I/O
RF1 not present on AT91SAM9R64.
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91SAM9R64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9R64 ATMEL-AT91SAM9R64 Datasheet
12Mb / 903P
   AT91 ARM Thumb Microcontrollers
AT91SAM9R64-CU ATMEL-AT91SAM9R64-CU Datasheet
914Kb / 52P
   AT91 ARM Thumb Microcontrollers
AT91SAM9R64-CU ATMEL-AT91SAM9R64-CU Datasheet
12Mb / 903P
   AT91 ARM Thumb Microcontrollers
AT91SAM9R64 ATMEL-AT91SAM9R64_09 Datasheet
914Kb / 52P
   AT91 ARM Thumb Microcontrollers
AT91SAM9R64 ATMEL-AT91SAM9R64_1 Datasheet
12Mb / 903P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91SAM9R64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9263 ATMEL-AT91SAM9263 Datasheet
10Mb / 1029P
   Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260_06 Datasheet
8Mb / 45P
   Thumb Microcontrollers
AT91M55800A ATMEL-AT91M55800A Datasheet
3Mb / 227P
   ARM Thumb Microcontrollers
AT91M43300 ATMEL-AT91M43300 Datasheet
156Kb / 9P
   ARM Thumb Microcontrollers
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
   Thumb-based Microcontrollers
AT91M63200 ATMEL-AT91M63200 Datasheet
244Kb / 12P
   ARM Thumb Microcontrollers
AT91SAM7SE512 ATMEL-AT91SAM7SE512 Datasheet
7Mb / 47P
   Thumb-based Microcontrollers
AT91F40816 ATMEL-AT91F40816 Datasheet
248Kb / 22P
   ARM Thumb Microcontrollers
AT91SAM9G45 ATMEL-AT91SAM9G45_14 Datasheet
377Kb / 10P
   Thumb-based Microcontrollers
AT91FR40161 ATMEL-AT91FR40161 Datasheet
179Kb / 22P
   ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com