Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAA6RO02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GAA6RO02
Description  AIRTRIM AIR DIELECTRIC MULTITURN TRIMMER CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GAA6RO02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GAA6RO02 Datasheet HTML 1Page - List of Unclassifed Manufacturers GAA6RO02 Datasheet HTML 2Page - List of Unclassifed Manufacturers GAA6RO02 Datasheet HTML 3Page - List of Unclassifed Manufacturers GAA6RO02 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sprague-Goodman
AIRTRIM
® AIR DIELECTRIC
MULTITURN
TRIMMER CAPACITORS
ENGINEERING BULLETIN
SG-660B
Supercedes SG-660A
APPLICATIONS
Designed for VHF, UHF and microwave applications:
amplifiers, oscillators, filters, radar, cable TV, mobile
radios and RF appliances. Suitable for military and
aerospace environments.
FEATURES
• High Q
• Fourteen standard mounting styles, including
surface mount
• Excellent stability
• Designed to meet MIL-C-14409D
• Multiturn resolution
SPECIFICATIONS
Operating Temperature Range: – 65° to +125°C
Working Voltage: 250 VDC
Test Voltage: 500 VDC
Insulation Resistance: >106 Megohms
Contact Resistance: < 0.01 Ohms
Q: > 5000 at 100 MHz
Vibration: 60 g, 10 to 2000 Hz
Shock: 1500 g, 0.5 ms
Constructed with 300°C solder
5000
4000
3000
2000
1000
50
100
150
200
250
Q vs. Frequency
10
8
6
4
2
12
3
45
Capacitance vs. Rotation
10
8
6
4
2
2
4
68
10
Self-Resonant Freq. vs.
Capacitance
Q
C(pF)
C(pF)
GHz
Turns
MHz
GAA10
GAA6R
GAA3R5
GAA14
GAA14
GAA10
GAA10
GAA6R
GAA3R5
Sprague-Goodman Electronics, Inc.
1700 SHAMES DRIVE, WESTBURY, NY 11590
TEL: 516-334-8700 • FAX: 516-334-8771
E-MAIL: info@spraguegoodman.com


Similar Part No. - GAA6RO02

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GAAB40L GOOD-ARK-GAAB40L Datasheet
55Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 20 to 24Volts Current 40 Amps
GAAB40M GOOD-ARK-GAAB40M Datasheet
55Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 37 to 41Volts Current 40 Amps
GAAB40Z GOOD-ARK-GAAB40Z Datasheet
55Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 24 to 32Volts Current 40 Amps
GAAB50ZN GOOD-ARK-GAAB50ZN Datasheet
387Kb / 8P
   PRESS FIT AUTOMOTIVE RECTIFIER
GAAB50ZP GOOD-ARK-GAAB50ZP Datasheet
387Kb / 8P
   PRESS FIT AUTOMOTIVE RECTIFIER
More results

Similar Description - GAA6RO02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GKRP10066 ETC2-GKRP10066 Datasheet
550Kb / 12P
   CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-500D ETC2-SG-500D Datasheet
104Kb / 4P
   MICA DIELECTRIC COMPRESSION TRIMMER CAPACITORS
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com