Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

420C202M400BJ8 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 420C202M400BJ8
Description  Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

420C202M400BJ8 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  420C202M400BJ8 Datasheet HTML 1Page - Cornell Dubilier Electronics 420C202M400BJ8 Datasheet HTML 2Page - Cornell Dubilier Electronics 420C202M400BJ8 Datasheet HTML 3Page - Cornell Dubilier Electronics 420C202M400BJ8 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 420C 85 °C, Long-Life, Inverter Grade, Radial Leaded
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
4000 h at full load at 85 °C per EIA IS-749
∆ capacitance ± 20%
ESR 200 % of limit
DCL 100 % of limit
6,000 h at 85ºC with rated voltage
∆ Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
500 h at 105 °C. Capacitance, ESR and DCL meet initial requirements
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
Type 420C is the PC-mount version of the Type 520C screw
terminal, computer grade capacitor and the 85 °C version
of the Type 450C Inverter Grade capacitor. It delivers the
ripple current capability and exceptional life needed for
motor-drive bus capacitors and approaches the performance
of the 450C at a lower cost. The extended cathode foil of
the 420C assures cool operation and heat flow from the
capacitor element to the can in all orientations.
Highlights
• For motor drives and UPS systems
• ESRs to 6.9 m
Ω
• Printed-circuit mounting
• Thermal-Pak™ extended cathode construction
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
DC Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
EIA Ripple Life:
Life Test:
Shelf Life Test:
Vibration:
Best Value High Ripple Type Plug-in
Frequency
–40 °C to 85 °C
100 to 500 Vdc
160 µF to 27,000 µF ± 20%
≤ 3 √CV µA, 4 mA max, 5 minutes
–20 °C multiple of 25 °C Z ≤ 3
Ambient Temperature
45 °C
55 °C
65 °C
75 °C
85 °C
1.80
1.63
1.45
1.25
1.00
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz
1 3/8” & 1 3/4” Diameters
100 to 350 V
0.91 0.93
1.00
1.06
1.08
1.09
1.09
400 to 500 V
0.82 0.86
1.00
1.14
1.20
1.23
1.23
2” Diameters
100 to 350 V
0.92 0.94
1.00
1.05
1.07
1.08
1.08
400 to 500 V
0.82 0.86
1.00
1.14
1.20
1.23
1.27


Similar Part No. - 420C202M400BJ8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C202M400BJ8 CDE-420C202M400BJ8 Datasheet
144Kb / 6P
   Best Value, High Ripple, Board-Mount Type
More results

Similar Description - 420C202M400BJ8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
450C CDE-450C Datasheet
270Kb / 4P
   Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
420C CDE-420C_13 Datasheet
144Kb / 6P
   Best Value, High Ripple, Board-Mount Type
520C CDE-520C_17 Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com