Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCN1913G332J-E1 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # FCN1913G332J-E1
Description  Surface Mount Film Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCN1913G332J-E1 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  FCN1913G332J-E1 Datasheet HTML 1Page - Cornell Dubilier Electronics FCN1913G332J-E1 Datasheet HTML 2Page - Cornell Dubilier Electronics FCN1913G332J-E1 Datasheet HTML 3Page - Cornell Dubilier Electronics FCN1913G332J-E1 Datasheet HTML 4Page - Cornell Dubilier Electronics FCN1913G332J-E1 Datasheet HTML 5Page - Cornell Dubilier Electronics FCN1913G332J-E1 Datasheet HTML 6Page - Cornell Dubilier Electronics FCN1913G332J-E1 Datasheet HTML 7Page - Cornell Dubilier Electronics FCN1913G332J-E1 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Type FCN Surface Mount Film Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Outline Drawing
t
L
W
T
t = 0.014 ± 0.008 in. (0.35 ±0.2 mm)
For 0.001 µF – 0.01 µF, 100 V, t = 0.026 ±0.012 in. (0.62 ± 0.3 mm)
Ratings
Cap
Catalog
L
W
T
(µF)
Part Number
in (mm)
in (mm)
in (mm)
16 Vdc
.12
FCN1913C124J-E1
0.189±0.008 (4.8±0.2)
0.130±0.012 (3.3±0.3)
0.055±0.008 (1.4±0.2)
.15
FCN1913C154J-E2
0.189±0.008 (4.8±0.2)
0.130±0.012 (3.3±0.3)
0.079±0.008 (2.0±0.2)
.18
FCN1913C184J-E2
0.189±0.008 (4.8±0.2)
0.130±0.012 (3.3±0.3)
0.079±0.008 (2.0±0.2)
.22
FCN1913C224J-E4
0.189±0.008 (4.8±0.2)
0.130±0.012 (3.3±0.3)
0.094±0.008 (2.4±0.2)
.27
FCN2416C274J-D1
0.236±0.008 (6.0±0.2)
0.161±0.012 (4.1±0.3)
0.071±0.008 (1.8±0.2)
.33
FCN2416C334J-D2
0.236±0.008 (6.0±0.2)
0.161±0.012 (4.1±0.3)
0.079±0.008 (2.0±0.2)
.39
FCN2416C394J-D3
0.236±0.008 (6.0±0.2)
0.161±0.012 (4.1±0.3)
0.094±0.008 (2.4±0.2)
.47
FCN2416C474J-D4
0.236±0.008 (6.0±0.2)
0.161±0.012 (4.1±0.3)
0.110±0.008 (2.8±0.2)
50 Vdc
.056
FCN1913H563J-E2
0.189±0.008 (4.8±0.3)
0.130±0.012 (3.3±0.3)
0.055±0.008 (1.4±0.2)
.068
FCN1913H683J-E2
0.189±0.008 (4.8±0.3)
0.130±0.012 (3.3±0.3)
0.079±0.008 (2.0±0.2)
.082
FCN1913H823J-E4
0.189±0.008 (4.8±0.3)
0.130±0.012 (3.3±0.3)
0.079±0.008 (2.0±0.2)
.10
FCN1913H104J-E3
0.189±0.008 (4.8±0.3)
0.130±0.012 (3.3±0.3)
0.094±0.008 (2.4±0.2)
.12
FCN2416H124J-D1
0.236±0.008 (6.0±0.2)
0.161±0.012 (4.1±0.3)
0.071±0.008 (1.8±0.2)
.15
FCN2416H154J-D2
0.236±0.008 (6.0±0.2)
0.161±0.012 (4.1±0.3)
0.079±0.008 (2.0±0.2)
.18
FCN2416H184J-D3
0.236±0.008 (6.0±0.2)
0.161±0.012 (4.1±0.3)
0.094±0.008 (2.4±0.2)
.22
FCN2416H224J-D4
0.236±0.008 (6.0±0.2)
0.161±0.012 (4.1±0.3)
0.110±0.008 (2.8±0.2)
100 Vdc
.0010
FCN1206A102J-H2
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.043±0.008 (1.1±0.2)
.0012
FCN1206A122J-H2
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.043±0.008 (1.1±0.2)
.0015
FCN1206A152J-H2
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.043±0.008 (1.1±0.2)
.0018
FCN1206A182J-H2
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.043±0.008 (1.1±0.2)
.0022
FCN1206A222J-H2
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.043±0.008 (1.1±0.2)
.0027
FCN1206A272J-H2
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.043±0.008 (1.1±0.2)
.0033
FCN1206A332J-H3
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.059±0.008 (1.5±0.2)
.0039
FCN1206A392J-H3
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.059±0.008 (1.5±0.2)
.0047
FCN1206A472J-H3
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.059±0.008 (1.5±0.2)
.0056
FCN1210A562J-G2
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.059±0.008 (1.5±0.2)
.0068
FCN1210A682J-G2
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.059±0.008 (1.5±0.2)
.0082
FCN1210A822J-G3
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.083±0.008 (2.1±0.2)
.010
FCN1210A103J-G3
0.126±0.008 (3.2±0.2)
0.063±0.012 (1.6±0.3)
0.083±0.008 (2.1±0.2)
.012
FCN1913A123K-E1
0.189±0.008 (4.8±0.2)
0.189±0.008 (3.3±0.3)
0.055±0.008 (1.4±0.2)
.015
FCN1913A153K-E1
0.189±0.008 (4.8±0.2)
0.189±0.008 (3.3±0.3)
0.055±0.008 (1.4±0.2)
.018
FCN1913A183K-E1
0.189±0.008 (4.8±0.2)
0.189±0.008 (3.3±0.3)
0.055±0.008 (1.4±0.2)
.022
FCN1913A223K-E1
0.189±0.008 (4.8±0.2)
0.189±0.008 (3.3±0.3)
0.055±0.008 (1.4±0.2)
.027
FCN1913A273K-E1
0.189±0.008 (4.8±0.2)
0.189±0.008 (3.3±0.3)
0.055±0.008 (1.4±0.2)
.033
FCN1913A333K-E1
0.189±0.008 (4.8±0.2)
0.189±0.008 (3.3±0.3)
0.055±0.008 (1.4±0.2)
.039
FCN1913A393K-E1
0.189±0.008 (4.8±0.2)
0.189±0.008 (3.3±0.3)
0.055±0.008 (1.4±0.2)


Similar Part No. - FCN1913G332J-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCN1913G332J-E1 ETC2-FCN1913G332J-E1 Datasheet
492Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Cornell Dubilier Electr...
FCN1913G332J-E1 CDE-FCN1913G332J-E1 Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
More results

Similar Description - FCN1913G332J-E1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
FCA1206A105M-H3 CDE-FCA1206A105M-H3 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA0805C104M ETC2-FCA0805C104M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com