Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C5132 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C5132
Description  USB Microcontroller with 64K Bytes Flash Memory
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C5132_07 Datasheet HTML 7Page - ATMEL Corporation AT89C5132_07 Datasheet HTML 8Page - ATMEL Corporation AT89C5132_07 Datasheet HTML 9Page - ATMEL Corporation AT89C5132_07 Datasheet HTML 10Page - ATMEL Corporation AT89C5132_07 Datasheet HTML 11Page - ATMEL Corporation AT89C5132_07 Datasheet HTML 12Page - ATMEL Corporation AT89C5132_07 Datasheet HTML 13Page - ATMEL Corporation AT89C5132_07 Datasheet HTML 14Page - ATMEL Corporation AT89C5132_07 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 182 page
background image
11
4173E–USB–09/07
AT89C5132
5.
Address Spaces
The AT8xC5132 derivatives implement four different address spaces:
Program/Code Memory
Boot Memory
Data Memory
Special Function Registers (SFRs)
5.0.1
Code Memory
The AT89C5132 implements 64K Bytes of on-chip program/code memory in Flash technology.
The Flash memory increases ROM functionality by enabling in-circuit electrical erasure and pro-
gramming. Thanks to the internal charge pump, the high voltage needed for programming or
erasing Flash cells is generated on-chip using the standard VDD voltage. Thus, the AT89C5132
can be programmed using only one voltage and allows in application software programming
commonly known as IAP. Hardware programming mode is also available using specific pro-
gramming tools.
5.0.2
Boot Memory
The AT89C5132 implements 4K Bytes of on-chip boot memory provided in Flash technology.
This boot memory is delivered programmed with a standard bootloader software allowing in sys-
tem programming commonly known as ISP. It also contains some Application Programming
Interfaces routines commonly known as API allowing user to develop his own bootloader.
5.0.3
Data Memory
The AT89C5132 derivatives implement 2304 bytes of on-chip data RAM. This memory is divided
in two separate areas:
256 bytes of on-chip RAM memory (standard C51 memory).
2048 bytes of on-chip expanded RAM memory (ERAM accessible via MOVX instructions).


Similar Part No. - AT89C5132_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5132 ATMEL-AT89C5132_04 Datasheet
976Kb / 38P
   USB USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_06 Datasheet
1Mb / 181P
   USB Microcontroller with 64K Bytes Flash Memory
More results

Similar Description - AT89C5132_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5132 ATMEL-AT89C5132 Datasheet
2Mb / 33P
   USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_06 Datasheet
1Mb / 181P
   USB Microcontroller with 64K Bytes Flash Memory
AT83C5132 ATMEL-AT83C5132 Datasheet
1,009Kb / 10P
   USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_04 Datasheet
976Kb / 38P
   USB USB Microcontroller with 64K Bytes Flash Memory
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com