Electronic Components Datasheet Search |
|
AT89C5132 Datasheet(PDF) 8 Page - ATMEL Corporation |
|
AT89C5132 Datasheet(HTML) 8 Page - ATMEL Corporation |
8 / 182 page 8 4173E–USB–09/07 AT89C5132 Table 11. Keypad Interface Signal Description Table 12. External Access Signal Description Table 13. System Signal Description Signal Name Type Description Alternate Function KIN3:0 I Keypad Input Lines Holding one of these pins high or low for 24 oscillator periods triggers a keypad interrupt. P1.3:0 Signal Name Type Description Alternate Function A15:8 I/O Address Lines Upper address lines for the external bus. Multiplexed higher address and data lines for the IDE interface. P2.7:0 AD7:0 I/O Address/Data Lines Multiplexed lower address and data lines for the external memory or the IDE interface. P0.7:0 ALE O Address Latch Enable Output ALE signals the start of an external bus cycle and indicates that valid address information is available on lines A7:0. An external latch is used to demultiplex the address from address/data bus. - ISP I/O ISP Enable Input This signal must be held to GND through a pull-down resistor at the falling reset to force execution of the internal bootloader. - RD O Read Signal Read signal asserted during external data memory read operation. P3.7 WR O Write Signal Write signal asserted during external data memory write operation. P3.6 Signal Name Type Description Alternate Function RST I Reset Input Holding this pin high for 64 oscillator periods while the oscillator is running resets the device. The Port pins are driven to their reset conditions when a voltage lower than V IL is applied, whether or not the oscillator is running. This pin has an internal pull-down resistor which allows the device to be reset by connecting a capacitor between this pin and VDD. Asserting RST when the chip is in Idle mode or Power-Down mode returns the chip to normal operation. - TST I Test Input Test mode entry signal. This pin must be set to V DD. - |
Similar Part No. - AT89C5132_07 |
|
Similar Description - AT89C5132_07 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |