Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10F12B Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # 10F12B
Description  Unlike conventional crystal filters,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

10F12B Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  10F12B Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10F7.5A
10T7.5BH
10F12A
10F12B
10T15AN
10T15BK
10T20AL
10T20BA
10F30A
10F30B
10U7.5A
10U12AA
Model
Nominal
frequency
(MHz)
10.7
10.7
10.7
10.7
10.7
10.7
10.7
10.7
10.7
10.7
10.7
10.7
Number
of poles
*
2
4
2
4
2
4
2
4
2
4
2
2
Ripple
(dB)
0.7
1
0.5
1
0.5
1
0.5
1
0.5
1
1
1
Insertion loss
(insertion
attenuation) (dB)
2
2.5
2
2.5
2
2.5
2
2.5
2
2.5
2
2
Terminating
impedance
(kΩ//pF)
1.5//5
1.5//4.5 Cc = 17pF
2.3//3
3//1.5 Cc =8.5pF
3//2.5
3//1.5 Cc = 5pF
3.9//1
3.9//0 Cc = 2.0pF
5//-1
5//-1.8 Cc = 1pF
1.8//4
2.3//3
Package
type
D-359-A
D-359-B
D-359-A
D-359-B
D-359-A
D-359-B
D-359-A
D-359-B
D-359-A
D-359-B
D-351-A
D-351-A
Weight
(g)
1
2
1
2
1
2
1
2
1
2
1
1
Passband
width
Stop
bandwidth
(dB)
3
3
3
3
3
3
3
3
3
3
3
3
(kHz)
±3.75
±3.75
±6
±6
±7.5
±7.5
±10
±10
±15
±15
±3.75
±6
(dB)
18
40
18
40
18
40
18
40
18
40
18
18
(kHz)
±15
±12.5
±22
±20
±25
±25
±34
±34
±50
±50
±18
±22
Operating
temperature range
(°C)
–20 to +70
–20 to +70
–20 to +70
–20 to +70
–20 to +70
–20 to +70
–20 to +70
–20 to +70
–20 to +70
–20 to +70
–20 to +70
–20 to +70
Crystal Filter
10.7 MHz-Series MCF
cf17_071102_107MCF_e1
mm
D-359-A to B
D-351-A to B
mm
* Products of which the pole is “4” have pairs of two elements.
D-359-A to B (NR-18T(3)Type)
11.05max
4.88 ±0.2
φ0.43±0.05
D-351-A to B (NR-18T2(3)Type)
11.05max
3.5±0.05
10.0max
4.88±0.2
φ0.43±0.05
Model : 10T7.5BH
90
0
4
8
12
16 (kHz)
(A)
–4
–8
–12
–16
0
10.7MHz
200
400
600
800 (kHz)
(B)
–200
–400
–600
–800
80
70
(B)
(A)
60
50
40
30
20
10
Pb
Free
Model
10F7.5A
10T7.5BH
10F12A
10F12B
10T15AN
10T15BK
Code for placing an order
10F7.5A-10.7M-MN15-037
10T7.5BH-10.7M-MN15-254
10F12A-10.7M-MN15-066
10F12B-10.7M-MN15-257
10T15AN-10.7M-MN15-256
10T15BK-10.7M-MN15-235
Model
10T20AL
10T20BA
10F30A
10F30B
10U7.5A
10U12AA
Code for placing an order
10T20AL-10.7M-MN15-255
10T20BA-10.7M-MN15-335
10F30A-10.7M-MN15-134
10F30B-10.7M-MN15-135
10U7.5A-10.7M-MN15-293
10U12AA-10.7M-MN15-295
n Features
Unlike conventional crystal filters, this filter needs no transformer, and as
a result it is ultra-compact and ultra-lightweight. It has extremely good
characteristics and maintains the high Q of crystal.
l Compact and light.
l Stable temperature characteristics.
l Structure highly resistant to vibration and shock.
n Specifications
n Dimensions
n List of Codes for Placing an Order


Similar Part No. - 10F12B

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
10F-10F++ MINI-10F-10F+ Datasheet
264Kb / 3P
   Adapter
REV. OR
10F-10M++ MINI-10F-10M+ Datasheet
289Kb / 3P
   Adapter
REV. OR
10F-185F++ MINI-10F-185F+ Datasheet
287Kb / 3P
   Adapter
REV. OR
10F-185M++ MINI-10F-185M+ Datasheet
288Kb / 3P
   Adapter
REV. OR
logo
Microchip Technology
10F200 MICROCHIP-10F200 Datasheet
1Mb / 96P
   6-Pin, 8-Bit Flash Microcontrollers
2007
More results

Similar Description - 10F12B

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
YF10.0BP NDK-YF10.0BP Datasheet
83Kb / 1P
   Conventional Crystal Filter
logo
Murata Manufacturing Co...
XDCAG38M850PGA00P0 MURATA-XDCAG38M850PGA00P0_17 Datasheet
214Kb / 3P
   Crystal Filters
XDCAG51M650PGA00P0 MURATA-XDCAG51M650PGA00P0 Datasheet
206Kb / 3P
   Crystal Filters
XDCAG46M350PGA00P0 MURATA-XDCAG46M350PGA00P0 Datasheet
207Kb / 3P
   Crystal Filters
XDCAH50M850PHA00P0 MURATA-XDCAH50M850PHA00P0_17 Datasheet
214Kb / 3P
   Crystal Filters
XDCAF21M700MAA00P0 MURATA-XDCAF21M700MAA00P0_17 Datasheet
212Kb / 3P
   Crystal Filters
XDCAG44M850QGA00P0 MURATA-XDCAG44M850QGA00P0_17 Datasheet
206Kb / 3P
   Crystal Filters
XDCAF21M400RAA00P0 MURATA-XDCAF21M400RAA00P0_17 Datasheet
212Kb / 3P
   Crystal Filters
XDCAG49M950PGA00P0 MURATA-XDCAG49M950PGA00P0 Datasheet
206Kb / 3P
   Crystal Filters
XDCAG45M000RGA00P0 MURATA-XDCAG45M000RGA00P0 Datasheet
207Kb / 3P
   Crystal Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com