Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C1051U-24PI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89C1051U-24PI
Description  8-bit Microcontroller with 1K Byte Flash
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C1051U-24PI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89C1051U-24PI Datasheet HTML 6Page - ATMEL Corporation AT89C1051U-24PI Datasheet HTML 7Page - ATMEL Corporation AT89C1051U-24PI Datasheet HTML 8Page - ATMEL Corporation AT89C1051U-24PI Datasheet HTML 9Page - ATMEL Corporation AT89C1051U-24PI Datasheet HTML 10Page - ATMEL Corporation AT89C1051U-24PI Datasheet HTML 11Page - ATMEL Corporation AT89C1051U-24PI Datasheet HTML 12Page - ATMEL Corporation AT89C1051U-24PI Datasheet HTML 13Page - ATMEL Corporation AT89C1051U-24PI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AT89C1051U
10
External Clock Drive Waveforms
External Clock Drive
Symbol
Parameter
V
CC = 2.7V to 6.0V
V
CC = 4.0V to 6.0V
Units
Min
Max
Min
Max
1/tCLCL
Oscillator Frequency
0
12
0
24
MHz
t
CLCL
Clock Period
83.3
41.6
ns
t
CHCX
High Time
30
15
ns
tCLCX
Low Time
30
15
ns
t
CLCH
Rise Time
20
20
ns
t
CHCL
Fall Time
20
20
ns


Similar Part No. - AT89C1051U-24PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C1051U-24PI ATMEL-AT89C1051U-24PI Datasheet
201Kb / 14P
   8-Bit Microcontroller with 1K Bytes Flash
More results

Similar Description - AT89C1051U-24PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_14 Datasheet
230Kb / 15P
   Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com