Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

101C133U063EH2B Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 101C133U063EH2B
Description  Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

101C133U063EH2B Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  101C133U063EH2B Datasheet HTML 1Page - Cornell Dubilier Electronics 101C133U063EH2B Datasheet HTML 2Page - Cornell Dubilier Electronics 101C133U063EH2B Datasheet HTML 3Page - Cornell Dubilier Electronics 101C133U063EH2B Datasheet HTML 4Page - Cornell Dubilier Electronics 101C133U063EH2B Datasheet HTML 5Page - Cornell Dubilier Electronics 101C133U063EH2B Datasheet HTML 6Page - Cornell Dubilier Electronics 101C133U063EH2B Datasheet HTML 7Page - Cornell Dubilier Electronics 101C133U063EH2B Datasheet HTML 8Page - Cornell Dubilier Electronics 101C133U063EH2B Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
5,000 hour load life
Ripple Current to > 100 amps @ 55 °C
ESRs to 2.5 m
> 90% capacitance at –40 ºC
Thermal-Pak™ extended cathode construction
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
DCLeakage Current:
Cold Impedence:
Ripple Current Multipliers:
–55 °C to +105 °C
7.5 to 250 Vdc
290 µF to 1.5 F
7.5 to 150 Vdc: –10% +75%, 200 & 250 Vdc: 10 +50%
≤1.5√CV µA (4mA max. 5 minutes)
–55 °C multiple of 25 °C Z ≤ 3
EIA Ripple Life:
Life Test:
Shelf Life:
Vibration:
5,000 h at full load @ 85 °C per EIA IS-749
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
2,000 h at 105 °C and rated voltage
Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
500 h @ 105 °C, Capacitance, ESR and DCL, initial
requirements.
10 to 55 Hz, 0.06” and 10 g max, 1.5 h ea. of 2 axis
45 °C
55 °C
65 °C
75 °C
85 °C
95 ºC
105 ºC
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Ambient Temperature
The Ultimate in Cold Performance and ESR
The Type 101C is the wide-temperature, low voltage version of the
Type 550C. It is ideal for high-ripple current military and industrial
applications that need full performance to –40 ºC and solid perfor-
mance to –55 ºC. It also excels as apower-supply output capacitor
because of its exceptionally low ESR. The extended cathode foil of
the 101C assures heat flow from the capacitor element to the can in
all mounting orientations.
Highlights
10 kHz
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz & up
1 3/8” & 1 3/4” Diameters
7.5 to 150 V
0.91 0.93
1.00
1.06
1.08 1.09
1.09
200 & 250 V
0.82 0.86
1.00
1.14
1.20 1.23
1.23
2” & 2 1/2” Diameters
7.5 to 150 V
0.92 0.94
1.00
1.05
1.07 1.08
1.08
200 & 250 V
0.82 0.86
1.00
1.14
1.20 1.23
1.27
3” Diameters
7.5 to 150 V
0.95 0.96
1.00
1.03
1.04 1.05
1.05
200 & 250 V
0.85 0.88
1.00
1.11
1.15 1.18
1.18
Frequency
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 101C133U063EH2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101C133U063EH2B ETC2-101C133U063EH2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
101C133U063EH2B CDE-101C133U063EH2B Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C133U063EH2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
193Kb / 12P
   Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
logo
List of Unclassifed Man...
101C283U7R5AK2B ETC2-101C283U7R5AK2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
066182U6R3FE2 CDE-066182U6R3FE2 Datasheet
75Kb / 6P
   Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
logo
Murata Manufacturing Co...
GRM022C81A103ME01 MURATA1-GRM022C81A103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 105?
11/23/2021
GRM022C81C103ME01 MURATA1-GRM022C81C103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 105?
11/23/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com