Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GH222M Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # GH222M
Description  Disc Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

GH222M Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  GH222M Datasheet HTML 1Page - Cornell Dubilier Electronics GH222M Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types GE, GH, GM, GP Disc Ceramic Capacitors
Ratings
RoHS Compliant
Catalog
Temp.
Size
Size
Catalog
Temp.
Size
Size
Cap Part Number Tol. Coef. D T S d
D T S d
Cap Part Number Tol. Coef. D T S d
D T S d
(pF)
(±)
(Inches)
(Millimeters)
(pF)
(±)
(Inches)
(Millimeters)
1000 Vdc
1000 Vdc
22
GP422
10%
SL .236 .177 .252 .025 6.0 4.5 6.4 .6
470
GP347 *
10% Y5P .236 .177 .252 .025 6.0 4.5 6.4 .6
27
GP427 *
10%
SL .236 .177 .252 .025 6.0 4.5 6.4 .6
560
GP356 *
10% Y5P .236 .177 .252 .025 6.0 4.5 6.4 .6
30
GP430 *
10%
SL .236 .177 .252 .025 6.0 4.5 6.4 .6
680
GP368 *
10% Y5P .236 .177 .252 .025 6.0 4.5 6.4 .6
47
GP447
10%
SL .236 .177 .252 .025 6.0 4.5 6.4 .6
1,000 GP210
10% Y5P .291 .177 .252 .025 7.4 4.5 6.4 .6
100
GP310
10% Y5P .236 .177 .252 .025 6.0 4.5 6.4 .6
2,200 GP222
10% Y5P .374 .177 .252 .025 9.5 4.5 6.4 .6
220
GP322
10% Y5P .236 .177 .252 .025 6.0 4.5 6.4 .6
4,700 GP247
20% Y5U .433 .177 .252 .025 11.0 4.5 6.4 .6
270
GP327 *
10% Y5P .236 .177 .252 .025 6.0 4.5 6.4 .6
6,800 GP268P * 10% Y5P .669 .177 .374 .025 17.0 4.5 9.5 .6
330
GP333 *
10% Y5P .236 .177 .252 .025 6.0 4.5 6.4 .6
10,000 GP110
20% Y5U .591 .177 .374 .025 15.0 4.5 9.5 .6
22,000 GP122 *
20% Y5U .748 .177 .374 .025 19.0 4.5 9.5 .6
* Available only until stock is depleted
EIA TEMPERATURE COEFFICIENT CODES
A combination of characters designating capacitance drift over a temperature range.
Example: Y5E could change ±4.7% over a temperature range of -30ºC to +85ºC.
Letter
Symbol
Low Temp
Requirement
Number
Symbol
High Temp
Requirement
Letter
Symbol
Maximum
Capacitance
Change Over
Temp Rating
X
-55ºC
Y
-30ºC
Z
+10ºC
2
+45ºC
4
+65ºC
5
+85ºC
6
+105ºC
7
+125ºC
A
±1.0%
B
±1.5%
C
±2.2%
D
±3.3%
E
±4.7%
F
±7.5%
P
±10.0%
R
±15.0%
S
±22.0%
T
+22%, -33%
U
+22%, -56%
V
+22%, -82%
TEMPERATURE COEFFICIENT CODES
Temperature Range
-55ºC +125ºC
% Change
Per 1ºC
NPO-(COG)
±30ppm
.0030%
N330
-330ppm
-.033%
N470
-470ppm
-.047%
N750
-750ppm
-.075%
N1000
-1000ppm
-.10%
N1500
-1500ppm
-.15%
N2200
-2200ppm
-.22%
N3300
-3300ppm
-.33%
N4700
-4700ppm
-.47%
N5600
-5600ppm
-.56%
SL
-750, +100ppm
±.075% Max
Physical Specifications
Case: Conformal Coating
Lead material: Tinned copper wire. (Minimum lead content: 5%)
Tape and Reel Available upon Request
Leads are formed to .200 (5.0mm) lead spacing
For D less than .315 (8.0mm)
- Quantity/Reel = 2500 pcs
For D .315 (8.0mm) to .472 (12.0mm) - Quantity/Reel = 2000 pcs
Tape and Reel not available for D greater than .472 (12mm)
D
T
Max
Max
Coating on Leads:
1" min
0.08" (2mm) Max (� 500V Ratings)
L = (25.4 mm)
0.118" (3mm) Max (500V Ratings)
0.16" (4mm) Max (� 1kV Ratings)
S
d
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - GH222M

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GH222M MALLORY-GH222M Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results

Similar Description - GH222M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com