Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89C51RC2-IM Datasheet(PDF) 3 Page - ATMEL Corporation

Part # 89C51RC2-IM
Description  Microcontroller with 16K/32K Bytes Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

89C51RC2-IM Datasheet(HTML) 3 Page - ATMEL Corporation

  89C51RC2-IM Datasheet HTML 1Page - ATMEL Corporation 89C51RC2-IM Datasheet HTML 2Page - ATMEL Corporation 89C51RC2-IM Datasheet HTML 3Page - ATMEL Corporation 89C51RC2-IM Datasheet HTML 4Page - ATMEL Corporation 89C51RC2-IM Datasheet HTML 5Page - ATMEL Corporation 89C51RC2-IM Datasheet HTML 6Page - ATMEL Corporation 89C51RC2-IM Datasheet HTML 7Page - ATMEL Corporation 89C51RC2-IM Datasheet HTML 8Page - ATMEL Corporation 89C51RC2-IM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
3
AT89C51RB2/RC2
4180C–8051–12/03
Block Diagram
Figure 1. Block Diagram
Notes:
1. Alternate function of Port 1.
2. Alternate function of Port 3.
Timer 0
INT
RAM
256x8
WR
RD
EA
PSEN
ALE/
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
(2)
(2)
C51
CORE
(2) (2)
(2) (2)
Port 0 Port 1 Port 2 Port 3
Parallel I/O Ports & Ext. Bus
XRAM
1Kx8
IB-bus
PCA
PROG
Watch
Dog
(2)
(2)
(1)
(1)
Timer2
(1)
(1)
Flash
32Kx8 or
16Kx8
Key
Board
ROM
2Kx8
Boot
+
BRG
SPI
(1) (1) (1) (1)


Similar Part No. - 89C51RC2-IM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
89C51RC2-IM ATMEL-89C51RC2-IM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
More results

Similar Description - 89C51RC2-IM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2 ATMEL-T89C51RB2_06 Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RB2 ATMEL-AT89C51RB2_06 Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com