Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT2P15K-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # DMT2P15K-F
Description  Polyester Film Capacitors General Purpose, High Peak Currents, High Insulation Resistance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DMT2P15K-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  DMT2P15K-F Datasheet HTML 1Page - Cornell Dubilier Electronics DMT2P15K-F Datasheet HTML 2Page - Cornell Dubilier Electronics DMT2P15K-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type DMT, Polyester Film Capacitors
RoHS Compliant
Cap.
Catalog
T
H
L
S
d
dV/dt
(µF)
Part Number Inches (mm) Inches (mm) Inches
(mm)
Inches (mm) Inches (mm)
V/μs
600/630 Vdc (250 Vac)
0.0068 DMT6D68K-F
0.313
(7.9)
0.464 (11.8)
0.694
(17.6)
0.545
(13.8)
0.032
(0.8)
15000
0.0100 DMT6S1K-F
0.364
(9.2)
0.515 (13.1)
0.694
(17.6)
0.545
(13.8)
0.032
(0.8)
15000
0.0150 DMT6S15K-F
0.342
(8.7)
0.508 (12.9)
0.820
(20.8)
0.670
(17.0)
0.032
(0.8)
7400
0.0220 DMT6S22K-F
0.402 (10.2) 0.568 (14.4)
0.820
(20.8)
0.670
(17.0)
0.032
(0.8)
7400
0.0330 DMT6S33K-F
0.443 (11.2) 0.609 (15.5)
0.882
(22.4)
0.733
(18.6)
0.032
(0.8)
7400
0.0470 DMT6S47K-F
0.519 (13.2) 0.685 (17.4)
0.882
(22.4)
0.733
(18.6)
0.032
(0.8)
7400
0.0680 DMT6S68K-F
0.453 (11.5) 0.649 (16.5)
1.194
(30.3)
1.045
(26.5)
0.032
(0.8)
4000
0.1000 DMT6P1K-F
0.541 (13.7) 0.737 (18.7)
1.194
(30.3)
1.045
(26.5)
0.032
(0.8)
4000
0.1500 DMT6P15K-F
0.656 (16.7) 0.926 (23.5)
1.194
(30.3)
1.045
(26.5)
0.032
(0.8)
4000
0.2200 DMT6P22K-F
0.630 (16.0) 1.024 (26.0)
1.444
(36.7)
1.295
(32.9)
0.032
(0.8)
3000
0.3300 DMT6P33K-F
0.650 (16.5) 1.010 (25.6)
1.819
(46.2)
1.670
(42.4)
0.032
(0.8)
3000
0.4700 DMT6P47K-F
0.739 (18.8) 1.132 (28.7)
1.819
(46.2)
1.670
(42.4)
0.032
(0.8)
3000
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com


Similar Part No. - DMT2P15K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMT2P15K-F ETC2-DMT2P15K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
DMT2P15K-F CDE-DMT2P15K-F Datasheet
64Kb / 3P
   General Purpose, High Peak Currents, High Insulation Resistance
DMT2P15K-F CDE-DMT2P15K-F Datasheet
195Kb / 3P
   Type DMT, Polyester Film Capacitors
More results

Similar Description - DMT2P15K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DMT CDE-DMT Datasheet
64Kb / 3P
   General Purpose, High Peak Currents, High Insulation Resistance
logo
Kemet Corporation
R60MF2470AA60K KEMET-R60MF2470AA60K Datasheet
1Mb / 21P
   General Purpose Metallized Polyester Film Capacitors
logo
RFE international
MDD RFE-MDD Datasheet
3Mb / 4P
   Metalized Polyester Film Capacitors MDD: General Purpose
07-JUL-2023
logo
Illinois Capacitor, Inc...
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
Cornell Dubilier Electr...
DPPS10D1K-F CDE-DPPS10D1K-F Datasheet
241Kb / 2P
   High Voltage, High Frequency, Ultra High Peak Currents
logo
RFE international
MEB RFE-MEB Datasheet
1Mb / 7P
   Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
logo
DB Lectro Inc
95D DBLECTRO-95D Datasheet
1Mb / 4P
   High Insulation Resistance
90D DBLECTRO-90D Datasheet
778Kb / 2P
   High Insulation Resistance
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
   POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
   Polyester Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com