Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2NC50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD2NC50
Description  N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh?줚I MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NC50 Datasheet(HTML) 3 Page - STMicroelectronics

  STD2NC50 Datasheet HTML 1Page - STMicroelectronics STD2NC50 Datasheet HTML 2Page - STMicroelectronics STD2NC50 Datasheet HTML 3Page - STMicroelectronics STD2NC50 Datasheet HTML 4Page - STMicroelectronics STD2NC50 Datasheet HTML 5Page - STMicroelectronics STD2NC50 Datasheet HTML 6Page - STMicroelectronics STD2NC50 Datasheet HTML 7Page - STMicroelectronics STD2NC50 Datasheet HTML 8Page - STMicroelectronics STD2NC50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STD2NC50 / STD2NC50-1
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 250V, ID = 1.4 A
RG = 4.7Ω VGS = 10V
(see test circuit, Figure 3)
10
10
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 400V, ID = 2.8 A,
VGS = 10V
10
2.5
4.5
13.5
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD = 400V, ID = 2.8 A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
10
8
20
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
2.2
A
ISDM (2)
Source-drain Current (pulsed)
8.8
A
VSD (1)
Forward On Voltage
ISD = 2.2 A, VGS = 0
1.6
V
trr
Reverse Recovery Time
ISD = 2.8A, di/dt = 100A/µs,
VDD = 100V, Tj = 150°C
(see test circuit, Figure 5)
380
ns
Qrr
Reverse Recovery Charge
2200
nC
IRRM
Reverse Recovery Current
11.5
A
Safe Operating Area
Thermal Impedence


Similar Part No. - STD2NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC40 STMICROELECTRONICS-STD2NC40 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 11P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 15P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
More results

Similar Description - STD2NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
   N-CHANNEL 500V - 1.3??- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
STP3NC50 STMICROELECTRONICS-STP3NC50 Datasheet
238Kb / 8P
   N-CHANNEL 500V - 3ohm - 2.8A TO-220 PowerMesh?줚I MOSFET
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh?줚I MOSFET
STD1HNC60 STMICROELECTRONICS-STD1HNC60 Datasheet
268Kb / 9P
   N-CHANNEL 600V - 4ohm - 2A - IPAK/DPAK PowerMesh?줚I MOSFET
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?줚I MOSFET
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
   N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?줚I MOSFET
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
   N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh?줚I MOSFET
STD2NC60 STMICROELECTRONICS-STD2NC60 Datasheet
283Kb / 9P
   N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh?줚I MOSFET
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
   N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com