Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2NC50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD2NC50
Description  N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh?줚I MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NC50 Datasheet(HTML) 1 Page - STMicroelectronics

  STD2NC50 Datasheet HTML 1Page - STMicroelectronics STD2NC50 Datasheet HTML 2Page - STMicroelectronics STD2NC50 Datasheet HTML 3Page - STMicroelectronics STD2NC50 Datasheet HTML 4Page - STMicroelectronics STD2NC50 Datasheet HTML 5Page - STMicroelectronics STD2NC50 Datasheet HTML 6Page - STMicroelectronics STD2NC50 Datasheet HTML 7Page - STMicroelectronics STD2NC50 Datasheet HTML 8Page - STMicroelectronics STD2NC50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
May 2001
STD2NC50
STD2NC50-1
N-CHANNEL 500V - 3
Ω - 2.2A DPAK/IPAK
PowerMesh™II MOSFET
s
TYPICAL RDS(on) = 3 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STD2NC50
STD2NC50-1
500 V
500 V
< 4
< 4
2.2 A
2.2 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
2.2
A
ID
Drain Current (continuos) at TC = 100°C
1.4
A
IDM (1)
Drain Current (pulsed)
8.8
A
PTOT
Total Dissipation at TC = 25°C
45
W
Derating Factor
0.36
W/°C
dv/dt
Peak Diode Recovery voltage slope
3
V/ns
Tstg
Storage Temperature
–60 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤ 2.2A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
DPAK
1
3
3
2
1
IPAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD2NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC40 STMICROELECTRONICS-STD2NC40 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 11P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 15P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
More results

Similar Description - STD2NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
   N-CHANNEL 500V - 1.3??- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
STP3NC50 STMICROELECTRONICS-STP3NC50 Datasheet
238Kb / 8P
   N-CHANNEL 500V - 3ohm - 2.8A TO-220 PowerMesh?줚I MOSFET
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh?줚I MOSFET
STD1HNC60 STMICROELECTRONICS-STD1HNC60 Datasheet
268Kb / 9P
   N-CHANNEL 600V - 4ohm - 2A - IPAK/DPAK PowerMesh?줚I MOSFET
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?줚I MOSFET
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
   N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?줚I MOSFET
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
   N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh?줚I MOSFET
STD2NC60 STMICROELECTRONICS-STD2NC60 Datasheet
283Kb / 9P
   N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh?줚I MOSFET
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
   N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com