Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDLF105B5R5C Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # EDLF105B5R5C
Description  Electric Double Layer Supercapacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

EDLF105B5R5C Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

  EDLF105B5R5C Datasheet HTML 1Page - Cornell Dubilier Electronics EDLF105B5R5C Datasheet HTML 2Page - Cornell Dubilier Electronics EDLF105B5R5C Datasheet HTML 3Page - Cornell Dubilier Electronics EDLF105B5R5C Datasheet HTML 4Page - Cornell Dubilier Electronics EDLF105B5R5C Datasheet HTML 5Page - Cornell Dubilier Electronics EDLF105B5R5C Datasheet HTML 6Page - Cornell Dubilier Electronics EDLF105B5R5C Datasheet HTML 7Page - Cornell Dubilier Electronics EDLF105B5R5C Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
TYPE EDL Electric Double Layer Supercapacitors
Performance Data
Self-Discharging Characteristics Versus Charging Time
Part number EDLF105B5R5C (5.5 V 1.0 F) Charge voltage: 5 V
Charging Characteristics
Part number EDLF105B5R5C (5.5 V 1.0 F) @ +20 ºC
Time (h)
Time (min.)
30
Ω
10
0 Ω


Similar Part No. - EDLF105B5R5C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDLF105B5R5C CDE-EDLF105B5R5C Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
More results

Similar Description - EDLF105B5R5C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
EDLC381420-501-2F-70 TDK-EDLC381420-501-2F-70 Datasheet
98Kb / 1P
   Electric Double-Layer Capacitors (EDLC / Supercapacitors)
EDLC302520-501-2F-11 TDK-EDLC302520-501-2F-11 Datasheet
126Kb / 1P
   Electric Double-Layer Capacitors (EDLC / Supercapacitors)
logo
Nichicon corporation
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com