Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLP223M016E3P3 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SLP223M016E3P3
Description  105 쨘C Aluminum Electrolytic Snap-In Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP223M016E3P3 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SLP223M016E3P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP223M016E3P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP223M016E3P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP223M016E3P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP223M016E3P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP223M016E3P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP223M016E3P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP223M016E3P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLP 105 ºC Aluminum Electrolytic Snap-In Capacitors
Ratings
Diameter
Length
mm
(in)
mm
(in)
25
30
35
40
45
50
(1.00) (1.18) (1.38) (1.57) (1.77) (2.00)
22
(0.87)
A1
A3
A5
A7
A4
A9
25
(1.00)
C1
C3
C5
C7
C4
C9
30
(1.18)
E1
E3
E5
E7
E4
E9
35
(1.38)
H1
H3
H5
H7
H4
H9
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/105°C
Size (DxL)
μF
3000 h @ 105 ºC
(Ω)
(A
rms)
(mm)
10 Vdc (13 Vdc Surge)
10000
SLP103M010A1P3
0.073
1.80
22 x 25
12000
SLP123M010A3P3
0.061
2.20
22 x 30
12000
SLP123M010C1P3
0.061
2.20
25 x 25
15000
SLP153M010A5P3
0.049
2.30
22 x 35
15000
SLP153M010C1P3
0.049
2.30
25 x 25
18000
SLP183M010A7P3
0.041
2.52
22 x 40
18000
SLP183M010C3P3
0.041
2.40
25 x 30
22000
SLP223M010A4P3
0.033
2.60
22 x 45
22000
SLP223M010C5P3
0.033
2.60
25 x 35
27000
SLP273M010A9P3
0.027
3.19
22 x 50
27000
SLP273M010C7P3
0.027
3.10
25 x 40
33000
SLP333M010C4P3
0.022
3.40
25 x 45
33000
SLP333M010H3P3
0.022
3.40
35 x 30
39000
SLP393M010E7P3
0.019
3.79
30 x 40
39000
SLP393M010H3P3
0.019
3.70
35 x 30
47000
SLP473M010E4P3
0.016
4.26
30 x 45
47000
SLP473M010H5P3
0.016
4.20
35 x 35
56000
SLP563M010H7P3
0.013
5.00
35 x 40
16 Vdc (20 Vdc Surge)
6800
SLP682M016A1P3
0.098
2.20
22 x 25
8200
SLP822M016A3P3
0.081
2.40
22 x 30
10000
SLP103M016A3P3
0.066
2.60
22 x 30
10000
SLP103M016C1P3
0.066
2.60
25 x 25
12000
SLP123M016A5P3
0.055
2.90
22 x 35
12000
SLP123M016C3P3
0.055
2.90
25 x 30
15000
SLP153M016A7P3
0.044
3.20
22 x 40
15000
SLP153M016C5P3
0.044
3.25
25 x 35
15000
SLP153M016E1P3
0.044
3.11
30 x 25
18000
SLP183M016A4P3
0.037
3.50
22 x 45
18000
SLP183M016C7P3
0.037
3.50
25 x 40
18000
SLP183M016E3P3
0.037
3.50
30 x 30
22000
SLP223M016C4P3
0.030
3.80
25 x 45
22000
SLP223M016E3P3
0.030
3.80
30 x 30
22000
SLP223M016H3P3
0.030
3.80
35 x 30
27000
SLP273M016C9P3
0.025
4.20
25 x 50
27000
SLP273M016E5P3
0.025
4.20
30 x 35
27000
SLP273M016H3P3
0.025
4.20
35 x 30
33000
SLP333M016E7P3
0.020
4.70
30 x 40
33000
SLP333M016H5P3
0.020
4.70
35 x 35
39000
SLP393M016E4P3
0.017
4.90
30 x 45
39000
SLP393M016H7P3
0.017
5.10
35 x 40
47000
SLP473M016E9P3
0.014
5.27
30 x 50
47000
SLP473M016H4P3
0.014
5.50
35 x 45
25 Vdc (32 Vdc Surge)
3300
SLP332M025A1P3
0.181
1.70
22 x 25
4700
SLP472M025A1P3
0.127
2.00
22 x 25
5600
SLP562M025A3P3
0.107
2.20
22 x 30
6800
SLP682M025A3P3
0.088
2.40
22 x 30
6800
SLP682M025C1P3
0.088
2.40
25 x 25
8200
SLP822M025A5P3
0.073
2.70
22 x 35
8200
SLP822M025C3P3
0.073
2.70
25 x 30
8200
SLP822M025E1P3
0.073
2.70
30 x 25
10000
SLP103M025A7P3
0.060
3.00
22 x 40
0.8
+0.2
-0.1
D + 1.0
Max.
L
± 2.0
6.3 ± 1.0
Polarity
Bar
Vinyl
Sleeve
6.3 ± 1.0
3.5
PC Board
Hole Dimensions
2.0 0.01 Dia.
±
10.0 0.1
±
Insulation Disk
0.8 +0.2/-0.1
1.5 +0.2/-0.1


Similar Part No. - SLP223M016E3P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP223M016E3P3 CDE-SLP223M016E3P3 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP223M016E3P3 CDE-SLP223M016E3P3 Datasheet
369Kb / 9P
   Best for switching power supplies
More results

Similar Description - SLP223M016E3P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
   105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
   Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Cornell Dubilier Electr...
HES601G350V2C CDE-HES601G350V2C Datasheet
1,023Kb / 3P
   105 쨘C High Energy Screw Terminal Aluminum Electrolytic
CGR143U016R3C CDE-CGR143U016R3C Datasheet
832Kb / 3P
   105 쨘C High Temp Screw Terminal Aluminum Electrolytic
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com