Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIL12-1A75-15LHR Datasheet(PDF) 4 Page - Meder Electronic

Part # DIL12-1A75-15LHR
Description  Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIL12-1A75-15LHR Datasheet(HTML) 4 Page - Meder Electronic

  DIL12-1A75-15LHR Datasheet HTML 1Page - Meder Electronic DIL12-1A75-15LHR Datasheet HTML 2Page - Meder Electronic DIL12-1A75-15LHR Datasheet HTML 3Page - Meder Electronic DIL12-1A75-15LHR Datasheet HTML 4Page - Meder Electronic DIL12-1A75-15LHR Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
137
MEDER electronic
www.meder.com
DIL Series
Sealed DIL Version w/ up to 4.25
kVDC Breakdown Voltage Option
RELAY DATA
All Data at 20° C
Switch Model →
Contact Form →
Switch 75
Form A
Switch 90
Form C
Contact Ratings
Conditions
Min. Typ. Max. Min. Typ. Max. Units
Switching Power
Any DC combination of V & A not
to exceed their individual max.‘s.
10
10
W
Switching Voltage
DC or peak AC
500
175
V
Switching Current
DC or peak AC
0.5
0.5
A
Carry Current
DC or peak AC
1.0
1.0
A
Static Contact Resistance
w/ 0.5 V & 50mA
200
150
Dynamic Contact
Resistance
Measured w/ 0.5 V & 50mA ,
1.5 ms after closure
200
250
Insulation Resistance
(100 Volts applied)
Across Contact
Contact to coil
1010
1012
109
1012
Ω
Breakdown Voltage
Across Contact
Contact to coil
1500
1.5*s
200
1.5
VDC
kVDC
Operate Time incl. Bounce
With nominal voltage
0.5
0.7
ms
Release Time
Measured w/ no coil suppression
0.1
1.5
ms
Capacitance
Across Contact
Contact to coil
0.4
4.0
1.0
4.0
pF
Life Expectancies
Switching 5V - 10 mA
DC <10 pF stray cap.
500
100
106
Cycles
For other load requirements, see the life test section on P. 112.
Environmental Data
Shock Resistance
1/2 sine wave duration for 11 ms
50
50
g
Vibration Resistance
From 10 - 2000 Hz
20
20
g
Ambient Temperature
max. 10°C/ minute allowable
-20
70
-20
70
o
C
Storage Temperature
max. 10°C/ minute allowable
-25
85
-25
85
o
C
Soldering Temperature
5 sec. dwell
260
260
o
C
* 4.25 kVDC / 3.0 kVRMS for Pin-outs 13 and 15.


Similar Part No. - DIL12-1A75-15LHR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL12-1A71-15L MEDER-DIL12-1A71-15L Datasheet
113Kb / 2P
   DIL Reed Relay
DIL12-1A71-15L_DE MEDER-DIL12-1A71-15L_DE Datasheet
131Kb / 2P
   (deutsch) DIL Reed Relay
More results

Similar Description - DIL12-1A75-15LHR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
logo
E-CMOS Corporation
5KP E-CMOS-5KP Datasheet
372Kb / 5P
   Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
Vishay Siliconix
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
660R VISHAY-660R Datasheet
89Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
logo
Shenzhen Luguang Electr...
1N6267 LUGUANG-1N6267 Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com