Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK06BX334M Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CK06BX334M
Description  Multilayer Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CK06BX334M Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CK06BX334M Datasheet HTML 1Page - Cornell Dubilier Electronics CK06BX334M Datasheet HTML 2Page - Cornell Dubilier Electronics CK06BX334M Datasheet HTML 3Page - Cornell Dubilier Electronics CK06BX334M Datasheet HTML 4Page - Cornell Dubilier Electronics CK06BX334M Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
MIL-C-11015 & 39014 Multilayer Ceramic Capacitors
MIL-C-11015 & 39014 - CK and CKR - military grade
capacitors are available as radial and axial leaded
capacitors with the option of hot solder dipped leads
on the CKRs.
CK and CKR Military Grade Capacitors
Highlights
Available on tape and reel
Molded case construction
CKR available with stand-off
Hot solder dip leads on Type CKR
Specifications
Capacitance Range:
Voltage Range:
Temperature Coefficient:
10 pF to 3.3 µF
50, 100, 200 Vdc
X7R (Mil BX or BR)
Outline Drawings
Type
Inches
mm
L
H
T
L
H
T
CK12
.090
.160
.020
2.3
4.0
.51
CKR11
.090
.160
.020
2.3
4.0
.51
CK13
.090
.250
.020
2.3
6.4
.51
CKR12
.090
.250
.020
2.3
6.4
.51
CK14
.140
.390
.025
3.6
9.9
.64
CKR14
.140
.390
.025
3.6
9.9
.64
CK15
.250
.500
.025
6.4
12.7
.64
CKR15
.250
.500
.025
6.4
12.7
.64
CK16
.350
.690
.025
8.9
17.5
.64
CKR16
.350
.690
.025
8.9
17.5
.64
Radial
Axial
TO ORDER MIL-C-11015 PARTS:
Order by CK part number shown in Ratings Table
Example: CK05BX104M
TO ORDER MIL-C-39014 PARTS:
Indicate the prefix M39014/-- followed by the applicable
MIL dash number. Example: For M39014/01-1594
(CKR05BX104mS); order M39014/011594
Type
Inches
mm
L
H
T
S
d
L
H
T
S
d
CK05
.190 .190 .090 .200 .025
4.8
4.8
2.3
5.1
.64
CKR05 .190 .190 .090 .200 .025
4.8
4.8
2.3
5.1
.64
CK06
.290 .290 .090 .200 .025
7.4
7.4
2.3
5.1
.64
CKR06 .290 .290 .090 .200 .025
7.4
7.4
2.3
5.1
.64
L
.010
T
.010
H
.010
.045
(1.1)
Max
1.250
(31.8)
Min
S
.015
d
+.004
-.001
*.026
(.67)
Min
L
.010
T
.010
H
.010
d
+.004
-.001
1.250
(31.8)
Min
S
.015
*.026
(.67)
Min
CK05
CKR05
CK06
CKR06
d (.020) +.000 -.003
(.025) +.004 -.002
L
(.160 - .390)
.010
(.500)
.020
(.690)
.030
1.500 (38.1)
Min
1.500 (38.1)
Min
D
(.090 - .140)
.010
(.250)
.015
(.350)
.020
MIL-C-11015/20, MIL-C-39014/05


Similar Part No. - CK06BX334M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CK06BX334K KEMET-CK06BX334K Datasheet
53Kb / 1P
   LDD Mil X7R C11015, Ceramic, Military/High Reliability, 0.33 uF, 10%, 50 V, BX, N/A, Lead Spacing = 5.08mm
More results

Similar Description - CK06BX334M

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com