Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C51IC2 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89C51IC2
Description  8-bit Flash Microcontroller with 2-wire Interface
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89C51IC2_04 Datasheet HTML 2Page - ATMEL Corporation AT89C51IC2_04 Datasheet HTML 3Page - ATMEL Corporation AT89C51IC2_04 Datasheet HTML 4Page - ATMEL Corporation AT89C51IC2_04 Datasheet HTML 5Page - ATMEL Corporation AT89C51IC2_04 Datasheet HTML 6Page - ATMEL Corporation AT89C51IC2_04 Datasheet HTML 7Page - ATMEL Corporation AT89C51IC2_04 Datasheet HTML 8Page - ATMEL Corporation AT89C51IC2_04 Datasheet HTML 9Page - ATMEL Corporation AT89C51IC2_04 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 146 page
background image
6
AT89C51IC2
4301A–8051–01/04
Table 5. Port SFRs
Mnemonic
Add
Name
76543210
P0
80h
8-bit Port 0
P1
90h
8-bit Port 1
P2
A0h
8-bit Port 2
P3
B0h
8-bit Port 3
Table 6. Timer SFRs
Mnemonic
Add
Name
76543210
TCON
88h
Timer/Counter 0 and 1 Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and 1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
TL0
8Ah
Timer/Counter 0 Low Byte
TH0
8Ch
Timer/Counter 0 High Byte
TL1
8Bh
Timer/Counter 1 Low Byte
TH1
8Dh
Timer/Counter 1 High Byte
WDTRST
A6h
WatchDog Timer Reset
WDTPRG
A7h
WatchDog Timer Program
-----
WTO2
WTO1
WTO0
T2CON
C8h
Timer/Counter 2 control
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
T2MOD
C9h
Timer/Counter 2 Mode
------
T2OE
DCEN
RCAP2H
CBh
Timer/Counter 2 Reload/Capture
High byte
RCAP2L
CAh
Timer/Counter 2 Reload/Capture
Low byte
TH2
CDh
Timer/Counter 2 High Byte
TL2
CCh
Timer/Counter 2 Low Byte
Table 7. PCA SFRs
Mnemo
-nic
Add
Name
7
65
43
210
CCON
D8h
PCA Timer/Counter Control
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
CMOD
D9h
PCA Timer/Counter Mode
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
CL
E9h
PCA Timer/Counter Low byte
CH
F9h
PCA Timer/Counter High byte


Similar Part No. - AT89C51IC2_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
More results

Similar Description - AT89C51IC2_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
   8-bit Microcontroller with Flash and I2C Interface
AT89LP2052 ATMEL-AT89LP2052_08 Datasheet
1Mb / 93P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 89P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_09 Datasheet
1Mb / 94P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com