Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN101M016ST Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SN101M016ST
Description  85 쨘C Non-Polar Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SN101M016ST Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SN101M016ST Datasheet HTML 1Page - Cornell Dubilier Electronics SN101M016ST Datasheet HTML 2Page - Cornell Dubilier Electronics SN101M016ST Datasheet HTML 3Page - Cornell Dubilier Electronics SN101M016ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SN 85 ºC Non-Polar Aluminum Electorlytic Capacitors
Ratings
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
100 WVNP (125 VNP Surge)
0.5
SNR47M100ST
282.33
14
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SN010M100ST
132.70
21
.197 (5.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
2.2
SN2R2M100ST
60.32
34
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
3.3
SN3R3M100ST
40.21
49
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
4.7
SN4R7M100ST
28.23
58
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
10.0
SN100M100ST
13.27
100
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
22
SN220M100ST
6.03
180
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
33
SN330M100ST
4.02
220
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
47
SN470M100ST
2.82
285
.512 (13.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
100
SN101M100ST
1.33
510
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)


Similar Part No. - SN101M016ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SN101M016ST CDE-SN101M016ST Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
More results

Similar Description - SN101M016ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SS220M6R3ST CDE-SS220M6R3ST Datasheet
405Kb / 3P
   85 쨘C Sub-Miniature Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
   NON−POLAR ALUMINUM ELECTROLYTIC
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com