Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN470M016ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SN470M016ST
Description  85 쨘C Non-Polar Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SN470M016ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SN470M016ST Datasheet HTML 1Page - Cornell Dubilier Electronics SN470M016ST Datasheet HTML 2Page - Cornell Dubilier Electronics SN470M016ST Datasheet HTML 3Page - Cornell Dubilier Electronics SN470M016ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SN 85 ºC Non-Polar Aluminum Electorlytic Capacitors
Ratings
SN
100
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SN
1R0 = 1
M = ±20
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
25 WVNP (32 VNP Surge)
1.0
SN010M025ST
199.04
17
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SN2R2M025ST
90.47
25
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SN4R7M025ST
42.35
34
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SN100M025ST
19.90
50
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
22
SN220M025ST
9.05
86
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
33
SN330M025ST
6.03
105
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
47
SN470M025ST
4.23
140
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
100
SN101M025ST
1.99
240
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
220
SN221M025ST
0.90
390
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
330
SN331M025ST
0.60
580
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
470
SN471M025ST
0.42
690
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
35 WVNP (44 VNP Surge)
3.3
SN3R3M035ST
56.30
27
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SN4R7M035ST
39.53
34
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SN100M035ST
18.58
54
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
22
SN220M035ST
8.44
94
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
33
SN330M035ST
5.63
125
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
47
SN470M035ST
3.95
165
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
100
SN101M035ST
1.86
285
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
220
SN221M035ST
0.84
520
.630 (16.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
330
SN331M035ST
0.56
630
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
470
SN471M035ST
0.40
820
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
50 WVNP (63 VNP Surge)
0.47
SNR47M050ST
338.80
11
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SN010M050ST
159.24
17
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SN2R2M050ST
72.38
25
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SN3R3M050ST
48.25
31
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
4.7
SN4R7M050ST
33.88
41
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
10
SN100M050ST
15.92
70
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
22
SN220M050ST
7.24
115
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
33
SN330M050ST
4.83
150
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
47
SN470M050ST
3.39
190
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
100
SN101M050ST
1.59
310
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
220
SN221M050ST
0.72
570
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
330
SN331M050ST
0.48
790
.630 (16.0) 1.42 (36.0)
.295 (7.5)
.0315 (0.8)
63 WVNP (79 VNP Surge)
1.0
SN010M063ST
159.24
17
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SN2R2M063ST
72.38
25
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SN3R3M063ST
48.25
37
.197 (5.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
4.7
SN4R7M063ST
33.88
44
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
10.0
SN100M063ST
15.92
74
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
22
SN220M063ST
7.24
130
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
33
SN330M063ST
4.83
175
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
47
SN470M063ST
3.39
230
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
100
SN101M063ST
1.59
410
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
220
SN221M063ST
0.72
660
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)


Similar Part No. - SN470M016ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SN470M016ST CDE-SN470M016ST Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
More results

Similar Description - SN470M016ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SS220M6R3ST CDE-SS220M6R3ST Datasheet
405Kb / 3P
   85 쨘C Sub-Miniature Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
   NON−POLAR ALUMINUM ELECTROLYTIC
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com