Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2NC40-1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD2NC40-1
Description  N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NC40-1 Datasheet(HTML) 4 Page - STMicroelectronics

  STD2NC40-1 Datasheet HTML 1Page - STMicroelectronics STD2NC40-1 Datasheet HTML 2Page - STMicroelectronics STD2NC40-1 Datasheet HTML 3Page - STMicroelectronics STD2NC40-1 Datasheet HTML 4Page - STMicroelectronics STD2NC40-1 Datasheet HTML 5Page - STMicroelectronics STD2NC40-1 Datasheet HTML 6Page - STMicroelectronics STD2NC40-1 Datasheet HTML 7Page - STMicroelectronics STD2NC40-1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STD2NC40-1
4/8
Gate Charge vs Gate-source Voltage
Static Drain-source On Resistance
Transfer Characteristics
Transconductance
Output Characteristics
Capacitance Variations


Similar Part No. - STD2NC40-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
More results

Similar Description - STD2NC40-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC40 STMICROELECTRONICS-STD2NC40 Datasheet
86Kb / 8P
   N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
logo
MagnaChip Semiconductor...
MDHT3N40 MGCHIP-MDHT3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 1.5A, 3.4(ohm)
logo
STMicroelectronics
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
   N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
   N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
   N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH??MOSFET
STD1NC40-1 STMICROELECTRONICS-STD1NC40-1 Datasheet
51Kb / 5P
   N - CHANNEL 400V- 8ohm - 1A - IPAK PowerMESH II MOSFET
STD6NC40 STMICROELECTRONICS-STD6NC40 Datasheet
272Kb / 9P
   N-CHANNEL 400V - 0.75ohm - 5A - DPAK / IPAK PowerMesh?줚I MOSFET
logo
Xian Semipower Electron...
SW1N55D SEMIPOWER-SW1N55D Datasheet
537Kb / 5P
   N-channel IPAK MOSFET
logo
STMicroelectronics
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 11P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1_06 Datasheet
381Kb / 15P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com