Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85C51SND3B3N-RTTUL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 85C51SND3B3N-RTTUL
Description  Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
Download  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

85C51SND3B3N-RTTUL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 85C51SND3B3N-RTTUL Datasheet HTML 3Page - ATMEL Corporation 85C51SND3B3N-RTTUL Datasheet HTML 4Page - ATMEL Corporation 85C51SND3B3N-RTTUL Datasheet HTML 5Page - ATMEL Corporation 85C51SND3B3N-RTTUL Datasheet HTML 6Page - ATMEL Corporation 85C51SND3B3N-RTTUL Datasheet HTML 7Page - ATMEL Corporation 85C51SND3B3N-RTTUL Datasheet HTML 8Page - ATMEL Corporation 85C51SND3B3N-RTTUL Datasheet HTML 9Page - ATMEL Corporation 85C51SND3B3N-RTTUL Datasheet HTML 10Page - ATMEL Corporation 85C51SND3B3N-RTTUL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 263 page
background image
7
AT85C51SND3Bx
7632A–MP3–03/06
Signals Description
System
Table 1. System Signal Description
Table 2. Ports Signal Description
Signal
Name
Type
Description
Alternate
Function
RST
I/O
Reset Input
Holding this pin low for 64 oscillator periods while the oscillator is
running resets the device. The Port pins are driven to their reset
conditions when a voltage lower than VIL is applied, whether or not the
oscillator is running.
This pin has an internal pull-up resistor (RRST) which allows the device
to be reset by connecting a capacitor between this pin and VSS.
Asserting RST when the chip is in Idle mode or Power-Down mode
returns the chip to normal operation.
In order to reset external components connected to the RST line a low
level 96-clock period pulse is generated when the watchdog timer
reaches its time-out period.
-
ISP
I
In System Programming
Assert this pin during reset phase to enter the in system programming
mode.
OCDT
Signal
Name
Type
Description
Alternate
Function
P0.7:0
I/O
Port 0
P0 is an 8-bit bidirectional I/O port with internal pull-ups.
LD7:0
P1.7:0
I/O
Port 1
P1 is an 8-bit bidirectional I/O port with internal pull-ups.
KIN3:0
P2.7:0
I/O
Port 2
P2 is an 8-bit bidirectional I/O port with internal pull-ups.
SDINS
SDLCK
SDCMD
SDCLK
SDDAT3:0
P3.4:0
P3.7:6
I/O
Port 3
P3 is a 7-bit bidirectional I/O port with internal pull-ups.
RXD
MISO
TXD
MOSI
INT0
RTS
SCK
INT1
CTS
SS
T0
UVCON
UID


Similar Part No. - 85C51SND3B3N-RTTUL

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
85C TEC-85C Datasheet
218Kb / 5P
   Weldable and Threaded Process Fittings
logo
Vishay Siliconix
85C15 VISHAY-85C15 Datasheet
108Kb / 6P
   Zener Diodes
01-Jan-2022
logo
Intel Corporation
85C220 INTEL-85C220 Datasheet
948Kb / 18P
   FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
85C220-100 INTEL-85C220-100 Datasheet
948Kb / 18P
   FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
85C220-66 INTEL-85C220-66 Datasheet
948Kb / 18P
   FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
More results

Similar Description - 85C51SND3B3N-RTTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B_07 Datasheet
2Mb / 271P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT85C51SND3B ATMEL-AT85C51SND3B Datasheet
5Mb / 270P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
ATMEL Corporation
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com