Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSR13E126K Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CSR13E126K
Description  Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CSR13E126K Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CSR13E126K Datasheet HTML 1Page - Cornell Dubilier Electronics CSR13E126K Datasheet HTML 2Page - Cornell Dubilier Electronics CSR13E126K Datasheet HTML 3Page - Cornell Dubilier Electronics CSR13E126K Datasheet HTML 4Page - Cornell Dubilier Electronics CSR13E126K Datasheet HTML 5Page - Cornell Dubilier Electronics CSR13E126K Datasheet HTML 6Page - Cornell Dubilier Electronics CSR13E126K Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CSR13 (MIL-C-39003/01) Solid Tantalum Capacitors
Ratings
* Failure rate level indicator
(M, P, R, S)
MIL-C-39003/1 (CSR13) Dash Numbers
Max.
Exponential Failure Rate
Weibull Failure Rate
Max
DF
(% per 1000 hours)
(% per 1000 hours)
Catalog
Cap
Case
DCL
@ +25 ºC
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap
Part Number
Tol. ±
Code @ +25 ºC 120 Hz
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
6 WVdc @ +85 ºC — 4 WVdc @ +125 ºC
5.6
CSR13B565K*
10
A
0.3
4
2241
2481
2721
2961
6002
7002
8002
6.8
CSR13B685K*
10
A
0.3
6
2242
2482
2722
2962
6004
7004
8004
6.8
CSR13B685M*
20
A
0.3
6
2243
2483
2723
2963
6005
7005
8005
47
CSR13B476K*
10
B
1.5
6
2244
2484
2724
2964
6007
7007
8007
47
CSR13B476M*
20
B
1.5
6
2245
2485
2725
2965
6008
7008
8008
56
CSR13B566K*
10
B
1.5
6
2246
2486
2726
2966
6010
7010
8010
150
CSR13B157K*
10
C
4.5
6
2247
2487
2727
2967
6012
7012
8012
150
CSR13B157M*
20
C
4.5
6
2248
2488
2728
2968
6013
7013
8013
180
CSR13B187K*
10
C
5.5
6
2249
2489
2729
2969
6015
7015
8015
270
CSR13B277K*
10
D
6.0
8
2250
2490
2730
2970
6017
7017
8017
330
CSR13B337K*
10
D
7.5
8
2251
2491
2731
2971
6019
7019
8019
330
CSR13B337M*
20
D
7.5
8
2252
2492
2732
2972
6020
7020
8020
10 WVdc @ +85 ºC — 7 WVdc @ +125 ºC
3.9
CSR13C395K*
10
A
0.3
4
2253
2493
2733
2973
6022
7022
8022
4.7
CSR13C475K*
10
A
0.4
4
2254
2494
2734
2974
6024
7024
8024
4.7
CSR13C475M*
20
A
0.4
4
2255
2495
2735
2975
6025
7025
8025
27
CSR13C276K*
10
B
2.0
6
2256
2496
2736
2976
6027
7027
8027
33
CSR13C336K*
10
B
2.0
6
2257
2497
2737
2977
6029
7029
8029
33
CSR13C336M*
20
B
2.0
6
2258
2498
2738
2978
6030
7030
8030
39
CSR13C396K*
10
B
2.0
6
2259
2499
2739
2979
6032
7032
8032
82
CSR13C826K*
10
C
3.0
6
2260
2500
2740
2980
6034
7034
8034
100
CSR13C107K*
10
C
5.0
6
2261
2501
2741
2981
6036
7036
8036
100
CSR13C107M*
20
C
5.0
6
2262
2502
2742
2982
6037
7037
8037
120
CSR13C127K*
10
C
6.0
6
2263
2503
2743
2983
6039
7039
8039
180
CSR13C187K*
10
D
9.0
6
2264
2504
2744
2984
6041
7041
8041
220
CSR13C227K*
10
D
10.0
8
2265
2505
2745
2985
6043
7043
8043
220
CSR13C227M*
20
D
10.0
8
2266
2506
2746
2986
6044
7044
8044
15 WVdc @ +85 ºC — 10 WVdc @ +125 ºC
2.7
CSR13D275K*
10
A
0.3
4
2267
2507
2747
2987
6046
7046
8046
3.3
CSR13D335K*
10
A
0.4
4
2268
2508
2748
2988
6048
7048
8048
3.3
CSR13D335M*
20
A
0.4
4
2269
2509
2749
2989
6049
7049
8049
18
CSR13D186K*
10
B
2.0
6
2270
2510
2750
2990
6051
7051
8051
22
CSR13D226K*
10
B
2.0
6
2271
2511
2751
2991
6053
7053
8053
22
CSR13D226M*
20
B
2.0
6.0
2272
2512
2752
2992
6054
7054
8054
56
CSR13D566K*
10
C
4.0
6.0
2273
2513
2753
2993
6056
7056
8056
68
CSR13D686K*
10
C
5.0
6.0
2274
2514
2754
2994
6058
7058
8058
68
CSR13D686M*
20
C
5.0
6.0
2275
2515
2755
2995
6059
7059
8059
120
CSR13D127K*
10
D
6.0
6.0
2276
2516
2756
2996
6061
7061
8061
150
CSR13D157K*
10
D
8.0
6.0
2277
2517
2757
2997
6063
7063
8063
150
CSR13D157M*
20
D
8.0
6.0
2278
2518
2758
2998
6064
7064
8064


Similar Part No. - CSR13E126K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSR13B553JA KEMET-CSR13B553JA Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JB KEMET-CSR13B553JB Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JC KEMET-CSR13B553JC Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JD KEMET-CSR13B553JD Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JM KEMET-CSR13B553JM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
More results

Similar Description - CSR13E126K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com