Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2NB80 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD2NB80
Description  N - CHANNEL 800V - 4.6 ohm - 1.9A - IPAK/DPAK PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NB80 Datasheet(HTML) 6 Page - STMicroelectronics

  STD2NB80 Datasheet HTML 1Page - STMicroelectronics STD2NB80 Datasheet HTML 2Page - STMicroelectronics STD2NB80 Datasheet HTML 3Page - STMicroelectronics STD2NB80 Datasheet HTML 4Page - STMicroelectronics STD2NB80 Datasheet HTML 5Page - STMicroelectronics STD2NB80 Datasheet HTML 6Page - STMicroelectronics STD2NB80 Datasheet HTML 7Page - STMicroelectronics STD2NB80 Datasheet HTML 8Page - STMicroelectronics STD2NB80 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuits For
Resistive Load
Fig. 2: Unclamped Inductive Waveform
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
STD2NB80
6/9


Similar Part No. - STD2NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NB25 STMICROELECTRONICS-STD2NB25 Datasheet
274Kb / 9P
   N - CHANNEL 250V - 1.7ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
   N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
   N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
STD2NB50-1 STMICROELECTRONICS-STD2NB50-1 Datasheet
451Kb / 10P
   N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
More results

Similar Description - STD2NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
   N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
May 1999
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
   N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
   N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh??MOSFET
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
   N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
   N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH??MOSFET
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
   N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
   N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH??MOSFET
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
   N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
   N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
STD2NB25 STMICROELECTRONICS-STD2NB25 Datasheet
274Kb / 9P
   N - CHANNEL 250V - 1.7ohm - 2A - IPAK/DPAK PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com