Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLP123M010C1P3 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SLP123M010C1P3
Description  105 쨘C Aluminum Electrolytic Snap-In Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP123M010C1P3 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SLP123M010C1P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP123M010C1P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP123M010C1P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP123M010C1P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP123M010C1P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP123M010C1P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP123M010C1P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP123M010C1P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLP 105 ºC Aluminum Electrolytic Snap-In Capacitors
Long Life (3000 h) Wide Range Snap-In
Type SLP can operate at 105 ºC at rated voltage for
3000 h. This aluminum electrolytic snap-in capacitor
offers a wide range of voltages and capacitance values
to fit most DC filtering and switching power supply
applications.
The SLP is the best value package
compared to the other snap-in series.
Highlights
3000 h ripple load life at rated voltage
105 ºC rated
Small case size with high capacitance
Best for switching power supplies
22 mm to 35 mm diameter, 10 mm lead spacing
Best value snap-in type
High ripple current
Specifications
Operating Temperature Range:
Voltage Range:
Capacitance Range:
Capacitance Tolerance:
Leakage Current:
Ripple Current Multipliers:
Ripple Life:
Load Life Test:
–40 ºC to 105 ºC (10 Vdc~100 Vdc)
–25 ºC to 105 ºC (160 Vdc~250 Vdc)
10 Vdc to 250 Vdc
180 µF to 56,000 µF
±20%
≤ 3 √CV (µA)
3,000 h @ full load @ 105 ºC
Δ Capacitance ±20% or initial value
ESR ≤200% of limit
Leakage current = initial value
DCL 100 % of limit
3000 h at rated voltage at 105 ºC
Δ Capacitance ±20% or initial value
DF ≤200% of specified value
Leakage current = initial value
There shall be no leakage of electrolyte
Ambient Temperature / Multiplier
20 to 45 ºC
65 ºC
85 ºC
105 ºC
2.00
1.89
1.52
1.00
Frequency / Multiplier
Voltage
60 Hz
120 Hz
1 kHz 10 kHz & Up
10 - 100 Vdc
0.90
1.00
1.15
1.25
160 - 250 Vdc
0.80
1.00
1.25
1.47
To apply multipliers, see ratings tables for ripple
current values
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - SLP123M010C1P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP123M010C1P3 CDE-SLP123M010C1P3 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP123M010C1P3 CDE-SLP123M010C1P3 Datasheet
369Kb / 9P
   Best for switching power supplies
SLP123M010C1P3 CDE-SLP123M010C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
More results

Similar Description - SLP123M010C1P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
   105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
   Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Cornell Dubilier Electr...
HES601G350V2C CDE-HES601G350V2C Datasheet
1,023Kb / 3P
   105 쨘C High Energy Screw Terminal Aluminum Electrolytic
CGR143U016R3C CDE-CGR143U016R3C Datasheet
832Kb / 3P
   105 쨘C High Temp Screw Terminal Aluminum Electrolytic
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com