Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSK-1A53-2035 Datasheet(PDF) 1 Page - Meder Electronic

Part # KSK-1A53-2035
Description  Glass length of 20.5 mm and diameter of 2.8 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

KSK-1A53-2035 Datasheet(HTML) 1 Page - Meder Electronic

  KSK-1A53-2035 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
98
MEDER electronic
www.meder.com
KSK-1A53-...
DIMENSIONS
All dimensions in mm [inches]
CHARACTERISTICS
Part Number Example - KSK - 1A53 - 2025
2025 is the AT range (Any AT can be ordered
between 20 & 50 in a minimum range of 5 AT)
CONTACT DATA
ORDER INFORMATION
Glass length of 20.5 mm and diameter of 2.8 mm
Normally open 1 Form A contact
Carry current up to 2.5 A
High breakdown voltage up to 2 kVDC
Good RF switch
All Data at 20 oC
Switch Model →
Contact Form →
KSK-1A53-...
Form A
Contact Ratings
Conditions
Min.
Typ.
Max.
Units
Switching Power*
Any DC combination of V and A not
to exceed their individual max.’s
10
W
Switching Voltage
DC or peak AC
220
V
Switching Current
DC or peak AC
1.0
A
Carry Current
DC or peak AC
2.5
A
Static Contact Resistance
at 0.5 V & 10 mA
150
mΩ
Dynamic Contact Resistance
measured w/ 0.5 V & 50 mA, 1.5 ms
after closure
200
mΩ
Insulation Resistance cross Contacts
100 Volts applied
1010
Breakdown Voltage
> 60 sec.
2
kVDC
Release Time incl. Bounce
100 % overdrive
0.75
ms
Release Time
measured with/ no coil suppression
0.1
ms
Capacitance
at 10 kHz across contact
0.2
pF
Test Coil **
KMS-01
Standard AT range
20
50
AT
Environmental Data
Shock Resistance
1/2 sine wave for 11 ms
50
g
Vibration Resistance
10 - 2000 Hz
20
g
Ambient Temperature
max. 10 oC / minute allowance
-20
130
o
C
Stock Temperature
max. 10 oC / minute allowance
-55
130
o
C
Soldering Temperature
5 sec. dwell
260
o
C
Note: The indicated electric data are maximum values can vary downwards when using a more sensitive switch.
* For life expectancy see our test section on Page 116.
** See our test section on Page 116.
Series
Contact Form
Switch Model
At Range
(between)
KSK -
1A
53 -
xxxx
Options
20 -50


Similar Part No. - KSK-1A53-2035

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
KSK-1A53-2030 MEDER-KSK-1A53-2030 Datasheet
63Kb / 1P
   KSK Reed Switch
KSK-1A53-2030 MEDER-KSK-1A53-2030_09 Datasheet
63Kb / 1P
   KSK Reed Switch
KSK-1A53-2030_DE MEDER-KSK-1A53-2030_DE Datasheet
80Kb / 1P
   (deutsch) KSK Reed Switch
More results

Similar Description - KSK-1A53-2035

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
KSK-1A71-6-2030 MEDER-KSK-1A71-6-2030 Datasheet
120Kb / 1P
   Glass length of 16.5 mm and diameter of 2.8 mm
KSK-1A46-1015 MEDER-KSK-1A46-1015 Datasheet
140Kb / 1P
   Glass length of 12 mm and diameter of 2.0 mm
KSK-1A54-100105 MEDER-KSK-1A54-100105 Datasheet
137Kb / 1P
   Glass length of 53.4 mm and diameter of 5.4 mm
KSK-1A52-2025 MEDER-KSK-1A52-2025 Datasheet
139Kb / 1P
   Glass length of 21 mm and diameter of 2.75 mm
logo
ILSI America LLC
I411 ILSI-I411 Datasheet
33Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 20.5 mm X 20.5 mm
logo
Omron Electronics LLC
E6A2-C OMRON-E6A2-C Datasheet
553Kb / 5P
   Compact Encoder with External Diameter of 25 mm
logo
Integrated Technology F...
252013B ITF-252013B Datasheet
154Kb / 2P
   Typical 1dB bandwidth of 20.5 MHz
logo
PHOENIX CONTACT
CYCLOPS PHOENIX-CYCLOPS Datasheet
50Kb / 2P
   Stripping tool, for conductors and cables of 0 to 11 mm diameter
WIREFOX-2 PHOENIX-WIREFOX-2 Datasheet
55Kb / 3P
   Stripping tool, for conductors and cables of 0.08 to 2.5 mm diameter
QUICK-WIREFOX-16 PHOENIX-QUICK-WIREFOX-16 Datasheet
82Kb / 3P
   Stripping tool, for conductors and cables of 6.0 to 16.0 mm diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com