Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLR1D68K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DLR1D68K-F
Description  Film/Foil Polyester Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DLR1D68K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DLR1D68K-F Datasheet HTML 1Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type DLR Film/Foil Polyester Film Capacitors
Radial Leaded Film/Foil Capacitors
Type DLR is a radial leaded, multiple dipped with
epoxy resin, polyester film/foil capacitor. The DLR
boasts superior heat and humidity resistance, stable
capacitance, exceptionally high value, and low cost.
Because of the resulting inductance from automated
single-point attachment of the leads, Type DLR is best
suited for DC and low-frequency applications.
Highlights
Compact size
High value
Inductive
Low cost
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Pulse Capability:
Insulation Resistance:
Dissipation Factor:
Dielectric Strength:
Life Test:
.
001 to .68 µF
100 Vdc (63 Vac, 60Hz)
±10% (K) standard, ±5% (J) special request
–55 to 125 ºC
500 V/µs Max.
30,000 MΩ Min.
1% Max. (25 ºC, 1kHz)
250% (1 minute)
1000 h at 85 ºC at 125% rated voltage
Ratings
Catalog
T
H
L
S
d
Cap
Part Number
Max.
Max.
Max.
±.04 (±1.0)
±.002 (±.05)
(µF)
Inches (mm)
Inches (mm)
Inches (mm)
Inches (mm)
Inches (mm)
.0010
DLR1D1K-F
0.138
(3.5)
0.414
(10.5)
0.236
(6.0)
0.138
(3.5)
0.02
(0.5)
.0015
DLR1D15K-F
0.138
(3.5)
0.414
(10.5)
0.236
(6.0)
0.138
(3.5)
0.02
(0.5)
.0022
DLR1D22K-F
0.138
(3.5)
0.414
(10.5)
0.236
(6.0)
0.158
(4.0)
0.02
(0.5)
.0033
DLR1D33K-F
0.138
(3.5)
0.414
(10.5)
0.236
(6.0)
0.158
(4.0)
0.02
(0.5)
.0047
DLR1D47K-F
0.138
(3.5)
0.414
(10.5)
0.256
(6.5)
0.158
(4.0)
0.02
(0.5)
.0068
DLR1D68K-F
0.138
(3.5)
0.414
(10.5)
0.256
(6.5)
0.158
(4.0)
0.02
(0.5)
.010
DLR1S1K-F
0.158
(4.0)
0.414
(10.5)
0.256
(6.5)
0.177
(4.5)
0.02
(0.5)
.015
DLR1S15K-F
0.158
(4.0)
0.414
(10.5)
0.256
(6.5)
0.177
(4.5)
0.02
(0.5)
.022
DLR1S22K-F
0.158
(4.0)
0.414
(10.5)
0.276
(7.0)
0.197
(5.0)
0.02
(0.5)
.033
DLR1S33K-F
0.177
(4.5)
0.453
(11.5)
0.315
(8.0)
0.236
(6.0)
0.02
(0.5)
.047
DLR1S47K-F
0.197
(5.0)
0.453
(11.5)
0.374
(9.5)
0.236
(6.0)
0.02
(0.5)
.068
DLR1S68K -F 0.236
(6.0)
0.453
(11.5)
0.414
(10.5)
0.236
(6.0)
0.02
(0.5)
.100
DLR1P1K-F
0.256
(6.5)
0.453
(11.5)
0.473
(12.0)
0.256
(6.5)
0.02
(0.5)
.150
DLR1P15K-F
0.315
(8.0)
0.551
(14.0)
0.591
(15.0)
0.276
(7.0)
0.02
(0.5)
.220
DLR1P22K-F
0.335
(8.5)
0.551
(14.0)
0.618
(15.7)
0.295
(7.5)
0.02
(0.5)
.330
DLR1P33K-F
0.374
(9.5)
0.768
(19.5)
0.650
(16.5)
0.335
(8.5)
0.02
(0.5)
.470
DLR1P47K-F
0.414
(10.5)
0.807
(20.5)
0.768
(19.5)
0.335
(8.5)
0.02
(0.5)
.059
1.5
MAX.
L
H
S
MAXIMUM
T
d
.787
20.0
MIN.
NOTE: Other capacitance values, sizes and performance specifications are available. Contact us.
RoHS Compliant


Similar Part No. - DLR1D68K-F

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DLR10-2125-1006K-B WILLOW-DLR10-2125-1006K-B Datasheet
453Kb / 7P
   industrial power relay
DLR10-2125-1006K-NIL WILLOW-DLR10-2125-1006K-NIL Datasheet
453Kb / 7P
   industrial power relay
DLR10-2125-1006NIL-B WILLOW-DLR10-2125-1006NIL-B Datasheet
453Kb / 7P
   industrial power relay
DLR10-2125-1006NIL-NIL WILLOW-DLR10-2125-1006NIL-NIL Datasheet
453Kb / 7P
   industrial power relay
DLR10-2125-1012K-B WILLOW-DLR10-2125-1012K-B Datasheet
453Kb / 7P
   industrial power relay
More results

Similar Description - DLR1D68K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
RFE international
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
   POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
   POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
CQ92M ETC2-CQ92M Datasheet
52Kb / 3P
   ??Polyester film/foil capacitor
logo
RFE international
N103K1H RFE-N103K1H Datasheet
73Kb / 1P
   POLYESTER FILM CAPACITORS N Series: Non-Inductive, Film Foil
T102J2EAT1 RFE-T102J2EAT1 Datasheet
86Kb / 1P
   POLYESTER FILM CAPACITORS T Series: Axial Tubular, Film Foil
logo
Vishay Siliconix
192P222X9080 VISHAY-192P222X9080 Datasheet
96Kb / 5P
   Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
Revision 13-Nov-03
logo
List of Unclassifed Man...
225P10491WD3 ETC1-225P10491WD3 Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com