Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

381LQ103M035J032 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 381LQ103M035J032
Description  Compact, High-Ripple Snap-in Smaller for Same Capacitance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ103M035J032 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  381LQ103M035J032 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LQ103M035J032 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LQ103M035J032 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ103M035J032 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ103M035J032 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ103M035J032 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ103M035J032 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 381LQ 105 °C Compact, High-Ripple Snap-in
23% Smaller for Same Capacitance
.
Highlights
New, more capacitance per case
Compare to Type 381L
Type 381LQ is on average 23% smaller and more than 5 mm
shorter than Type 381LX. This is achieved with a new can
closure method that permits installing capacitor elements into
smaller cans. Approaching the robust capability of the 381L
the new 381LQ enables you to shrink equipment size and
retain the original performance.
Specifications
–40 °C to +105 °C, ≤315 Vdc
–25 °C to +105 °C, ≥350 Vdc
Rated Voltage:
10 to 450 Vdc
Capacitance:
100 µF to 100,000 µF ±20%
Ripple Current Multipliers:
Ambient Temperature
Operating Temperature:
Leakage Current:
3 CV µA, 5 minutes
Load Life:
2000 h at full load at 105 °C
Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
EIA Ripple Life:
8000 h at 85 °C per EIA IS-749 with 105 ºC ripple current.
Capacitance ±20%
ESR 200% of limit
CL 100% of limit
Shelf Life:
1000 h at 105 °C,
Capacitance ± 20%
ESR 200% of limit
DCL 100% of limit
Vibration:
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
45 °C
60 °C
70 °C
85 °C
105 °C
2.35
2.20
2.00
1.70
1.00
Frequency
50 Hz
60 Hz
120 Hz
500 Hz
1 kHz
10 kHz & up
10-100 Vdc
0.93
0.95
1.00
1.05
1.08
1.15
160-450 Vdc
0.75
0.80
1.00
1.20
1.25
1.40
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls
(PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 381LQ103M035J032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LQ103M035J032 ETC-381LQ103M035J032 Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381LQ103M035J032 CDE-381LQ103M035J032 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
More results

Similar Description - 381LQ103M035J032

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ Datasheet
411Kb / 6P
   Compact, High-Capacitance Snap-in
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Jianghai Europe GmbH
CD297BB JIANGHAI-CD297BB Datasheet
919Kb / 5P
   EC Snap-In 105째C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
CD296KC JIANGHAI-CD296KC Datasheet
894Kb / 5P
   EC Snap-In 105째C Long Lifetime 5.000h High Ripple Currents(Snap-In)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com