Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVS227M35F24T Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # AVS227M35F24T
Description  SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVS227M35F24T Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  AVS227M35F24T Datasheet HTML 1Page - Cornell Dubilier Electronics AVS227M35F24T Datasheet HTML 2Page - Cornell Dubilier Electronics AVS227M35F24T Datasheet HTML 3Page - Cornell Dubilier Electronics AVS227M35F24T Datasheet HTML 4Page - Cornell Dubilier Electronics AVS227M35F24T Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508) 996-8561 • Fax: (508) 996-3830 • www.cde.com
SMT Aluminum Electrolytic Capacitors - General Purpose, 85°C
Type AVS
Impedance vs. Temperature and Frequency
ESR vs. Temperature and Frequency
Capacitance vs. Temperature & Frequency
220 µF @ 50 Vdc (10 X 10.2 mm)
Capacitance Change with Temperature
(Typical Performance for AVS Series @ 120 Hz)
Temperature (°C)
Dissipation Factor vs. Temperature
Temperature (°C)
Capacitance Change vs. Time
Time (Hours)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
220 µF @ 50 Vdc (10 X 10.2 mm)
220 µF @ 50 Vdc (10 X 10.2 mm)
(Typical Performance for AVS Series @ 120 Hz)
(Typical Performance for AVS Series)


Similar Part No. - AVS227M35F24T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS227M35F24T-F CDE-AVS227M35F24T-F Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
AVS227M35F24T-F CDE-AVS227M35F24T-F Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
More results

Similar Description - AVS227M35F24T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVE226M04A12T-F CDE-AVE226M04A12T-F Datasheet
151Kb / 4P
   –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
logo
Vishay Siliconix
500D VISHAY-500D Datasheet
89Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
Revision: 16-Apr-13
500D VISHAY-500D_V01 Datasheet
91Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
01-Jan-2022
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com