Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV393G-E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZV393G-E1
Description  DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV393G-E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZV393G-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV393G-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The AZV393 is a low voltage 2.5V to 5.5V, dual compar-
ator, which has a very low supply current of 100µA, mak-
ing the part an excellent choice for portable electronic
systems. The device is pin-for-pin compatible replace-
ment of the LMV393.
The AZV393 is built with BiCMOS process with bipolar
input and output stages for improved noise performance.
It is a cost-effective solution for portable consumer prod-
ucts where space, low voltage, low power and price are
the primary specification in circuit design.
The AZV393 is available in standard SOIC-8 and space
saving TSSOP-8 and MSOP-8 packages.
Features
·
Guaranteed 2.7V to 5.5V Performance
·
Industrial Temperature Range: -40oC to 85oC
·
Low Supply Current: 100µA Typical
·
Input Common Mode Voltage Range Includes
Ground
·
Low Output Saturation Voltage: 200mV Typical
·
Open Collector Output for Maximal Flexibility
Benefits
·
Low Supply Voltage
·
Low Supply Current
·
Wide Input Common-Mode Voltage Range
·
Low Output Saturation Voltage
·
Small Package
·
Very Competitive Price
Additional Available Materials
·
Samples
·
Preliminary Datasheet
·
Reliability Report
·
ESD Report
Nov. 2007
BCD Semiconductor Manufacturing Limited
Product Brief
DUA
L GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393
Parametric Table
VCC=5V, typical, unless otherwise specified
Supply Voltage Range (V)
2.5 to 5.5
Supply Current (µA)
100
Input Offset Voltage (mV)
1.7
Input Offset Current (nA)
2
Input Bias Current (nA)
25
Voltage Gain (V/mV)
50
Input Common-Mode Voltage (V)
-0.1 to
VCC-0.8
Output Saturation Voltage (mV)
200
Propagation Delay (High to Low)
(Input Overdrive=100mV) (ns)
200
Propagation Delay (Low to High)
(Input Overdrive=100mV) (ns)
300
Operating Junction Temperature (oC)
-40 to 85
Package
SOIC-8
TSSOP-8
MSOP-8
Applications
·
Notebook and PDA
·
Low Power, Low Voltage Applications
·
General Purpose Portable Devices
·
Mobile Communications
·
Battery Powered Electronics


Similar Part No. - AZV393G-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV393G-E1 BCDSEMI-AZV393G-E1 Datasheet
1Mb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393G-E1 DIODES-AZV393G-E1 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Similar Description - AZV393G-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV393 BCDSEMI-AZV393_09 Datasheet
1Mb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com