Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVS107M35F24T Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AVS107M35F24T
Description  SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVS107M35F24T Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AVS107M35F24T Datasheet HTML 1Page - Cornell Dubilier Electronics AVS107M35F24T Datasheet HTML 2Page - Cornell Dubilier Electronics AVS107M35F24T Datasheet HTML 3Page - Cornell Dubilier Electronics AVS107M35F24T Datasheet HTML 4Page - Cornell Dubilier Electronics AVS107M35F24T Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508) 996-8561 • Fax: (508) 996-3830 • www.cde.com
SMT Aluminum Electrolytic Capacitors - General Purpose, 85°C
Type AVS
Part Numbering System
*Overall case height (L dimension) is 5.7 mm ±0.3 mm
AVS
106
M
16
B
12T
–F
I
I
I
I
I
I
Type
Capacitance
104 = 0.1 µF
105 = 1.0 µF
106 = 10 µF
107 = 100 µF
108 = 1000 µF
Capacitance
Tolerance
M = ±20%
Voltage
Case
Code
Packaging
Information
12 = Carrier Tape
Width (mm)
T = Tape & Reel
B = Bulk
RoHS
Compliant
04 = 4 Vdc
06 = 6.3 Vdc
10 = 10 Vdc
16 = 16 Vdc
25 = 25 Vdc
35 = 35 Vdc
50 = 50 Vdc
63 = 63 Vdc
2A = 100 Vdc
Max.
Dissipation
ESR @
Ripple Current
Size
Cap
Catalog
DCL
Factor @
120 Hz/20 °C
120 Hz/85 °C
Case
D x L
Quantity
(µF)
Part Number
(µA)
120 Hz
(Ohms)
(mA)
Code
(mm)
per Reel
35 Vdc (44 Vdc Surge)
2.2
AVS225M35A12T
3.0
0.14
105.6
8
A
3 x 5.4
2000
3.3
AVS335M35A12T
3.0
0.14
70.4
10
A
3 x 5.4
2000
4.7
AVS475M35B12T
3.0
0.12
42.4
22
B
4 x 5.4
2000
10
AVS106M35B12T
3.5
0.16
26.5
22
B
4 x 5.4
2000
10
AVS106M35C12T
3.5
0.12
19.9
30
C
5 x 5.4
1000
22
AVS226M35C12T
7.7
0.16
12.1
36
C
5 x 5.4
1000
22
AVS226M35D16T
7.7
0.12
9.1
60
D
6.3 x 5.4
1000
33
AVS336M35D16T
11.6
0.16
8.0
60
D
6.3 x 5.4
1000
33
AVS336M35E16T
11.6
0.14
7.0
130
E
8 x 6.2
1000
47
AVS476M35D16T
16.5
0.16
5.6
70
D
6.3 x 5.4
1000
47
AVS476M35E16T
16.5
0.14
4.9
165
E
8 x 6.2
1000
100
AVS107M35X16T
35.0
0.12
2.0
130
X
6.3 x 7.9
900
100
AVS107M35F24T
35.0
0.14
2.3
140
F
8 x 10.2
500
100
AVS107M35G24T
35.0
0.14
2.3
210
G
10 x 10.2
500
220
AVS227M35F24T
77.0
0.14
1.1
200
F
8 x 10.2
500
220
AVS227M35G24T
77.0
0.14
1.1
310
G
10 x 10.2
500
330
AVS337M35G24T
115.5
0.14
0.7
320
G
10 x 10.2
500
50 Vdc (63 Vdc Surge)
0.1
AVS104M50A12T
3.0
0.14
2322.0
1
A
3 x 5.4
2000
0.1
AVS104M50B12T
3.0
0.12
1990.0
1
B
4 x 5.4
2000
0.22
AVS224M50A12T
3.0
0.14
1055.0
2
A
3 x 5.4
2000
0.22
AVS224M50B12T
3.0
0.12
905.0
2
B
4 x 5.4
2000
0.33
AVS334M50A12T
3.0
0.14
704.0
3
A
3 x 5.4
2000
0.33
AVS334M50B12T
3.0
0.12
603.0
3
B
4 x 5.4
2000
0.47
AVS474M50A12T
3.0
0.14
494.0
5
A
3 x 5.4
2000
0.47
AVS474M50B12T
3.0
0.12
424.0
5
B
4 x 5.4
2000
1
AVS105M50A12T
3.0
0.14
232.0
8
A
3 x 5.4
2000
1
AVS105M50B12T
3.0
0.12
199.0
10
B
4 x 5.4
2000
2.2
AVS225M50A12T
3.0
0.14
106.0
10
A
3 x 5.4
2000
2.2
AVS225M50B12T
3.0
0.12
90.5
16
B
4 x 5.4
2000
3.3
AVS335M50B12T
3.0
0.12
60.3
16
B
4 x 5.4
2000
4.7
AVS475M50B12T
3.0
0.14
49.4
18
B
4 x 5.4
2000
4.7
AVS475M50C12T
3.0
0.12
42.4
23
C
5 x 5.4
1000
10
AVS106M50C12T
5.0
0.14
23.2
27
C
5 x 5.4
1000
10
AVS106M50D16T
5.0
0.12
19.9
35
D
6.3 x 5.4
1000
22
AVS226M50D16T
11.0
0.14
10.6
60
D
6.3 x 5.4
1000
22
AVS226M50E16T
11.0
0.12
9.1
120
E
8 x 6.2
1000
33
AVS336M50X16T
16.5
0.12
6.0
85
X
6.3 x 7.9
900
33
AVS336M50E16T
16.5
0.12
6.0
130
E
8 x 6.2
1000
33
AVS336M50F24T
16.5
0.12
6.0
140
F
8 x 10.2
500
47
AVS476M50X16T
23.5
0.12
4.2
90
X
6.3 x 7.9
900
47
AVS476M50F24T
23.5
0.12
4.2
150
F
8 x 10.2
500
47
AVS476M50G24T
23.5
0.12
4.2
160
G
10 x 10.2
500
100
AVS107M50F24T
50.0
0.12
2.0
200
F
8 x 10.2
500
100
AVS107M50G24T
50.0
0.12
2.0
250
G
10 x 10.2
500
220
AVS227M50G24T
110.0
0.12
0.9
300
G
10 x 10.2
500
63 Vdc (75 Vdc Surge)
10
AVS106M63D16T
6.3
0.18
29.9
35
D*
6.3 x 5.7
1000
22
AVS226M63E16T
13.9
0.18
13.6
40
E
8 x 6.2
1000
22
AVS226M63F24T
13.9
0.18
13.6
40
F
8 x 10.2
500
33
AVS336M63F24T
20.8
0.18
9.1
45
F
8 x 10.2
500
47
AVS476M63F24T
29.6
0.18
6.4
45
F
8 x 10.2
500
100
AVS107M63G24T
63.0
0.18
3.0
60
G
10 x 10.2
500
100 Vdc (125 Vdc Surge)
3.3
AVS335M2AE16T
3.3
0.18
90.4
50
E
8 x 6.2
1000
4.7
AVS475M2AE16T
4.7
0.18
63.5
50
E
8 x 6.2
1000
4.7
AVS475M2AF24T
4.7
0.18
63.5
80
F
8 x 10.2
500
10
AVS106M2AE16T
10.0
0.18
29.8
50
E
8 x 6.2
1000
10
AVS106M2AF24T
10.0
0.18
29.8
85
F
8 x 10.2
500
22
AVS226M2AF24T
22.0
0.18
13.6
70
F
8 x 10.2
500
22
AVS226M2AG24T
22.0
0.18
13.6
90
G
10 x 10.2
500
33
AVS336M2AG24T
33.0
0.18
8.0
90
G
10 x 10.2
500


Similar Part No. - AVS107M35F24T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS107M35F24T-F CDE-AVS107M35F24T-F Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
AVS107M35F24T-F CDE-AVS107M35F24T-F Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
More results

Similar Description - AVS107M35F24T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVE226M04A12T-F CDE-AVE226M04A12T-F Datasheet
151Kb / 4P
   –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
logo
Vishay Siliconix
500D VISHAY-500D Datasheet
89Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
Revision: 16-Apr-13
500D VISHAY-500D_V01 Datasheet
91Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
01-Jan-2022
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com