Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ809A Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ809A
Description  3-PIN MICROPROCESSOR RESET CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ809A Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ809A Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ809A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ809A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ809A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ809A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ809A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ809A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ809A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ809A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Datasheet
3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A
1
Jan. 2008 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
General Description
The AZ809A is a precision system supervisor and reset
circuit designed to monitor the power supplies in
microprocessor and digital system. It provides a reset
signal to the host processor during power-up, power-
down, and brownout conditions.
The AZ809A has an active-low RESET output, three
standard reset options are offered to support 5V, 3.3V,
and 3.0V system.Whenever the system supply voltage
declines below the internal fixed reset threshold, the
AZ809A asserts a reset signal and the reset signal
remains asserted for 240mS after VCC rises above the
threshold.
The AZ809A has a push-pull output, no external com-
ponents are required. The output is guaranteed to be in
the correct state at VCC level as low as 1V. The
AZ809A is optimized to reject fast transient glitches
on the VCC line. When the VCC is 3.3V, the supply
current consumption is about 6
µA typically.
The IC is available in SOT-23 package.
Features
·
Precise Monitoring of 3.0V, 3.3V, and 5.0V Sup-
ply Voltages
·
140ms Minimum Reset Pulse Width
·
Active-low RESET Output
·
Push-Pull RESET Output
·
No External Components
·
Reset Valid Down to VCC=1.0V
·
Power Supply Fast Transient Immunity
·
Specified Over Full Temperature Range: -40 to
105oC
Applications
·
Microprocessor Systems
·
Portable/Battery-Powered Systems
·
Embedded Controllers
·
Automotive
·
Intelligent Instruments
·
Wireless Communication Systems
·
PDAs and Handheld Equipment
·
Set-Top Boxes
·
ADSL Modems
SOT-23
Figure 1. Package Type of AZ809A


Similar Part No. - AZ809A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ809ANLTR-E1 BCDSEMI-AZ809ANLTR-E1 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809ANLTR-G1 BCDSEMI-AZ809ANLTR-G1 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809ANRTR-E1 BCDSEMI-AZ809ANRTR-E1 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809ANRTR-G1 BCDSEMI-AZ809ANRTR-G1 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809ANSTR-E1 BCDSEMI-AZ809ANSTR-E1 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results

Similar Description - AZ809A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803_D DIODES-APX803_D Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com