Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EU13003E Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # EU13003E
Description  HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

EU13003E Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  EU13003E Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited EU13003E Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited EU13003E Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited EU13003E Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited EU13003E Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited EU13003E Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited EU13003E Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited EU13003E Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited EU13003E Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
APT13003E
Data Sheet
2
May 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage (VBE=0)
VCES
700
V
Collector-Emitter Voltage (IB=0)
VCEO
465
V
Emitter-Base Voltage (IC=0)
VEBO
9V
Collector Current
IC
1.5
A
Collector Peak Current (Pulse) (Note 2)
ICM
3A
Base Current
IB
0.75
A
Base Peak Current (Pulse) (Note 2)
IBM
1.5
A
Power Dissipation, TA=25
oC
For TO-92
PTOT
1.1
W
Power Dissipation, TC=25
oC
For TO-126
PTOT
20
W
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: Pulse test for Pulse Width < 5ms, Duty Cycle
≤ 10%.
Absolute Maximum Ratings (Note 1)
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information
Package
Part Number
Marking ID
Packing Type
TO-92
APT13003EZ-E1
13003EZ-E1
Bulk
APT13003EZTR-E1
13003EZ-E1
Ammo
TO-126
APT13003EU-E1
EU13003E
Bulk
Circuit Type
E: APT13003E
E1: Lead Free
APT13003
-
TR: Ammo
Blank: Bulk
Package
Z: TO-92
U: TO-126


Similar Part No. - EU13003E

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EU1 SANKEN-EU1 Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EU1 BILIN-EU1 Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
EU1 DACHANG-EU1 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 200 to 1000V Forward Current 0.25A
logo
Shenzhen Luguang Electr...
EU1 LUGUANG-EU1 Datasheet
175Kb / 2P
   High Efficiency Rectifiers
logo
Rugao Dachang Electroni...
EU1 DACHANG-EU1 Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
More results

Similar Description - EU13003E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com