Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D260VD Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # D260VD
Description  SCHOTTKY BARRIER RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

D260VD Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  D260VD Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited D260VD Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited D260VD Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited D260VD Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited D260VD Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited D260VD Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited D260VD Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SCHOTTKY BARRIER RECTIFIERS
APD260
Preliminary Datasheet
3
Jun. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Values
Unit
Typical Thermal Resistance (Note 2)
RθJA
52
oC/W
RθJL
14
Thermal Characteristics (TA=25oC, unless otherwise noted)
Parameter
Symbol
Values
Unit
Forward Voltage @ IF=2.0A
VF
0.68
V
Reverse Current @ Rated VR (Note 3)
TA=25
oC
IR
0.5
mA
TA=100
oC
10
Electrical Characteristics (TA=25oC, unless otherwise noted)
Note 3: Pulse Test: 300
µS pulse width, 1.0% duty cycle.
Note 2: Thermal resistance from junction to lead, PCB mounted, 0.375" (9.5mm) lead length.
Figure 3. Forward Current Derating Curve
Figure 4. Typical Instantaneous Forward Characteristics
Typical Performance Characteristics (TA=25oC, unless otherwise noted)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
T
J=25
oC
T
J=125
oC
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
Lead Temperature (
o
C)
Resistive or Inductive Load
0.375''(9.5mm) Lead length


Similar Part No. - D260VD

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D2601N EUPEC-D2601N Datasheet
234Kb / 8P
   Rectifier Diode
logo
Infineon Technologies A...
D2601N INFINEON-D2601N Datasheet
255Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 9.1
logo
eupec GmbH
D2601NH EUPEC-D2601NH Datasheet
199Kb / 6P
   Pulse Power Diode
logo
Toshiba Semiconductor
D2604 TOSHIBA-D2604 Datasheet
141Kb / 5P
   Silicon NPN Triple Diffused Type (Darlington)
logo
SHANTOU HUASHAN ELECTRO...
D260AG-00 HUASHAN-D260AG-00 Datasheet
31Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - D260VD

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com