Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3706P-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3706P-G1
Description  PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3706P-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3706P-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3706P-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS AP3706
Data Sheet
6
BCD Semiconductor Manufacturing Limited
Jul. 2008 Rev. 1.3
Typical Performance Characteristics
Figure 6. Operating Current vs. Ambient Temperature
Figure 4. Start-up Voltage vs. Ambient Temperature
Figure 5. Start-up Current vs. Ambient Temperature
Figure 7. VDD vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
120
400
450
500
550
600
650
700
750
800
Ambient Temperature (
oC)
R
BIAS
=200kΩ
-40
-20
0
20
40
60
80
100
120
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
16.5
17.0
17.5
18.0
18.5
19.0
19.5
Ambient Temperature (
oC)
R
BIAS
=200kΩ
-40
-20
0
20
40
60
80
100
120
20
30
40
50
60
70
80
90
100
Ambient Temperature (
oC)
R
BIAS
=200kΩ


Similar Part No. - AP3706P-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3706P-G1 BCDSEMI-AP3706P-G1 Datasheet
472Kb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
More results

Similar Description - AP3706P-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3706 BCDSEMI-AP3706 Datasheet
75Kb / 2P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3708N BCDSEMI-AP3708N Datasheet
1Mb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706 BCDSEMI-AP3706_09 Datasheet
472Kb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
logo
Texas Instruments
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
[Old version datasheet]   Off-Line Primary-Side Sensing Controller
logo
Mitsumi Electronics, Co...
MM3460XF MITSUMI-MM3460XF Datasheet
504Kb / 18P
   Primary-Side Power Control IC for LED Lights
logo
Diodes Incorporated
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com