Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFK226M63X16T Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # AFK226M63X16T
Description  SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK226M63X16T Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  AFK226M63X16T Datasheet HTML 1Page - Cornell Dubilier Electronics AFK226M63X16T Datasheet HTML 2Page - Cornell Dubilier Electronics AFK226M63X16T Datasheet HTML 3Page - Cornell Dubilier Electronics AFK226M63X16T Datasheet HTML 4Page - Cornell Dubilier Electronics AFK226M63X16T Datasheet HTML 5Page - Cornell Dubilier Electronics AFK226M63X16T Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AFK
106
M
16
B
12T
–F
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Part Numbering System
Type Capacitance Capacitance
108 = 1000.0 µF
Typical Performance Curves
Voltage Code
Case Packaging Code
RoHS
105 = 1.0 µF
Tolerance 06 = 6.3 Vdc 35 = 35 Vdc Code 12 = Carrier tape
Compliant
106 = 10.0 µF
M = ±20%
10 = 10 Vdc 50 = 50 Vdc
Width (mm)
107 = 100.0 µF
16 = 16 Vdc 63 = 63 Vdc
T = Tape & Reel
25 = 25 Vdc 80 = 90 Vdc
B = Bulk
2A = 100 Vdc
Capacitance vs. Temperature and Frequency
3300µF/6.3Vdc (12.5 x 13.5 mm)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
65°C
25°C
85°C
0°C
–40°C
45°C
–20°C
105
–55°C
.
10
100
1,000
10,000
100,000
1,000,000
Capacitance vs. Temperature & Frequency
100
µF @ 16 Vdc (6.3 X 5.8 mm)
1.2
65
°C
25
°C
85
°C
0
°C
105
°C
–40
°C
45
°
–20
°C
–55
°C
1
0.8
0.6
0.4
0.2
0
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 • www.cde.com.


Similar Part No. - AFK226M63X16T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK226M63X16T-F CDE-AFK226M63X16T-F Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AFK226M63X16T-F CDE-AFK226M63X16T-F Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFK226M63X16T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK CDE-AFK Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
V-CHIP-KIT4 CDE-V-CHIP-KIT4 Datasheet
171Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com