Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

930C4S82K-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 930C4S82K-F
Description  Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

930C4S82K-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  930C4S82K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 930C4S82K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 930C4S82K-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type 930 Polypropylene Film Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Catalog
Part Number
D
Max.
Inches(mm)
L
+0.062 (1.5)
Inches(mm)
ESR
20-100 kHz
(milliohms)
Maximum Ripple Current (Amps rms) at 20 kHz
Cap.
(µF)
dV/dt
(V/µs)
Case Temperature
+25 ºC +35 ºC +45 ºC +55 ºC +65 ºC +75 ºC +85 ºC
400 Vdc (250 Vac)
.047
930C4S47K–F
.315
(8.0)
.750 (19.0)
---
49
.056
930C4S56K–F
.315
(8.0)
.750 (19.0)
---
49
.068
930C4S68K–F
.315
(8.0)
.750 (19.0)
---
49
.082
930C4S82K–F
.320
(8.1)
.750 (19.0)
---
49
.10
930C4P1K–F
.348
(8.8)
.750 (19.0)
---
49
.12
930C4P12K–F
.299
(7.6)
1.000 (25.4)
---
28
.15
930C4P15K–F
.335
(8.5)
1.000 (25.4)
---
28
.18
930C4P18K–F
.353
(9.0)
1.000 (25.4)
---
28
.22
930C4P22K–F
.385
(9.8)
1.000 (25.4)
---
28
.27
930C4P27K–F
.421 (10.7) 1.000 (25.4)
---
28
.33
930C4P33K–F
.469
(11.9) 1.000 (25.4)
---
28
.39
930C4P39K–F
.503 (12.8) 1.000 (25.4)
---
28
.47
930C4P47K–F
.545 (13.8) 1.000 (25.4)
32
20
5.7
5.5
5.0
4.4
3.8
3.2
2.2
.56
930C4P56K–F
.503 (12.8) 1.260 (32.0)
31
20
5.7
5.7
5.3
4.4
4.1
3.3
2.3
.68
930C4P68K–F
.551 (14.0) 1.260 (32.0)
30
20
5.7
5.7
5.5
4.8
4.3
3.5
2.4
.82
930C4P82K–F
.599 (15.2) 1.260 (32.0)
28
20
5.7
5.7
5.6
5.3
4.5
3.7
2.6
1.00
930C4W1K–F
.655 (16.6) 1.260 (32.0)
27
20
5.7
5.7
5.7
5.7
5.7
4.7
4.3
1.20
930C4W1P2K–F
.712 (18.1) 1.260 (32.0)
26
20
6.3
6.2
6.0
5.9
5.8
4.9
4.5
1.50
930C4W1P5K–F
.709 (18.0) 1.750 (44.4)
25
13
7.0
6.9
6.7
6.6
6.5
5.2
4.7
1.80
930C4W1P8K–F
.716 (18.2) 1.750 (44.4)
23
13
8.0
7.9
7.8
7.7
6.8
5.5
5.0
2.00
930C4W2K–F
.752 (19.1) 1.750 (44.4)
21
13
9.0
9.0
9.0
8.0
7.0
5.7
5.2
2.20
930C4W2P2K–F
.827 (21.0) 1.750 (44.4)
20
13
9.0
9.0
9.0
8.3
7.4
5.9
5.4
2.70
930C4W2P7K–F
.865 (22.0) 1.750 (44.4)
19
13
9.0
9.0
9.0
8.6
7.6
6.0
5.6
3.00
930C4W3K–F
.909 (23.1) 1.750 (44.4)
17
13
9.0
9.0
9.0
9.0
7.9
6.4
5.9
3.30
930C4W3P3K–F
.951 (24.1) 1.750 (44.4)
16
13
9.0
9.0
9.0
9.0
8.1
6.6
6.3
3.90
930C4W3P9K–F
1.031 (26.2) 1.750 (44.4)
15
13
9.0
9.0
9.0
9.0
8.3
6.8
6.5
630 Vdc (275 Vac)
.022
930C6S22K–F
.315
(8.0)
.750 (19.0)
---
74
.027
930C6S27K–F
.315
(8.0)
.750 (19.0)
---
74
.033
930C6S33K–F
.334
(8.5)
.750 (19.0)
---
74
.039
930C6S39K–F
.358
(9.1)
.750 (19.0)
---
74
.047
930C6S47K–F
.388
(9.9)
.750 (19.0)
---
74
.056
930C6S56K–F
.418 (10.6)
.750 (19.0)
---
74
.068
930C6S68K–F
.354
(9.0)
1.000 (25.4)
---
43
.082
930C6S82K–F
.374
(9.5)
1.000 (25.4)
---
43
.10
930C6P1K–F
.433
(11.0) 1.000 (25.4)
---
43
.12
930C6P12K–F
.443
(11.2) 1.000 (25.4)
---
43
.15
930C6P15K–F
.512 (13.0) 1.260 (32.0)
---
30
.18
930C6P18K–F
.538 (13.7) 1.260 (32.0)
---
30
.22
930C6P22K–F
.496 (12.6) 1.260 (32.0)
---
30
.27
930C6P27K–F
.542 (13.8) 1.260 (32.0)
---
30
.33
930C6P33K–F
.593 (15.1) 1.260 (32.0)
---
30
.39
930C6P39K–F
.639 (16.2) 1.260 (32.0)
---
30
.47
930C6P47K–F
.696 (17.7) 1.457 (37.0)
28
20
6.8
6.3
5.8
5.2
4.5
3.6
2.6
.56
930C6P56K–F
.608 (15.4) 1.750 (44.4)
26
19
7.4
6.9
6.3
5.6
4.8
4.0
2.8
.68
930C6P68K–F
.709 (18.0) 1.750 (44.4)
25
19
7.8
7.2
6.6
5.9
5.1
4.2
2.9
.82
930C6P82K–F
.724 (18.4) 1.750 (44.4)
22
19
8.1
7.5
6.9
6.2
5.3
4.3
3.1
1.00
930C6W1K–F
.794 (20.2) 1.850 (47.0)
18
19
8.6
7.9
7.3
6.5
5.6
4.6
3.6


Similar Part No. - 930C4S82K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930C CDE-930C Datasheet
143Kb / 5P
   Low Dissipation, High Voltage/High Frequency Switching Power Supplies
More results

Similar Description - 930C4S82K-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
logo
Cornell Dubilier Electr...
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
472PPA302KG ILLINOISCAPACITOR-472PPA302KG_13 Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105MPL100K ILLINOISCAPACITOR-105MPL100K_13 Datasheet
195Kb / 2P
   Axial leaded metallized polypropylene film capacitors with Lug terminals
682PPS302KG ILLINOISCAPACITOR-682PPS302KG_13 Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com