Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3700EZ-E1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # 3700EZ-E1
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

3700EZ-E1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button 3700EZ-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited 3700EZ-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited 3700EZ-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited 3700EZ-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited 3700EZ-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited 3700EZ-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited 3700EZ-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited 3700EZ-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited 3700EZ-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700E
Data Sheet
9
BCD Semiconductor Manufacturing Limited
May 2008 Rev. 1. 1
Typical Application
Figure 11. 5V/0.8A Output for Battery Charger of Mobile Phone
+
1
5
2
+
J1
AC 85-264V
Bridge D1-D4
1N4007*4
C1
4.7
μ
D8
1N4148
L2
5.5
μ
C9
470
μ
C11
470
μ
5V/0.8A
V
cc
3
6
4
V
OUT
V
CTRL
V
CC
I
CTRL
GND
V
SENSE
U3
PC817
+
+
C2
4.7
μ
+
1
OUT
VCC
GND
2
3
U1
AP3700E
U2
AP4313
Q1
APT13003
D6
1N4148
R6
200
C4
10
μ
C5
0.47
μ
C6
6.8n
R7
200
D7
1N4148
R5
4
.7
C10
47
μ
D9
APD240
Rs
0.25
R13
6.2k
R15
2k
R11
510
R10
22k
C7
2.2n
C8
0.1
μ
R9
100k
R12
100
R8
200
D5
FR107
C3
2200p
R4
100k
R2
1.5M
L1
330μ
R1
10/1W
T1
EE16
Z1
12V


Similar Part No. - 3700EZ-E1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3700 BOURNS-3700 Datasheet
189Kb / 1P
   Precision Potentiometer
logo
Advanced Power Electron...
3700 A-POWER-3700 Datasheet
142Kb / 10P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
3700 A-POWER-3700 Datasheet
141Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
3700 A-POWER-3700 Datasheet
91Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
3700-BA ETC2-3700-BA Datasheet
160Kb / 2P
   NEMA STEEL METAL BOX
More results

Similar Description - 3700EZ-E1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3710 BCDSEMI-AP3710_08 Datasheet
512Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710 BCDSEMI-AP3710 Datasheet
355Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com