Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3706M-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3706M-E1
Description  PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3706M-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3706M-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3706M-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3706M-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3706M-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3706M-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3706M-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3706M-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3706M-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3706M-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS AP3706
Data Sheet
5
BCD Semiconductor Manufacturing Limited
Jul. 2008 Rev. 1.3
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
UVLO SECTION
Start-up Threshold
VTH (ST)
17
18.5
20
V
Minimal Operating Voltage
VOPR(min) After turn on
6.5
7.3
8.1
V
REFERENCE VOLTAGE SECTION
BIAS Pin Voltage
VBIAS
RBIAS=200kΩ,
Before turn on
1.170
1.205
1.240
V
VDD Pin Voltage
VDD
4.75
5.0
5.25
V
STANDBY CURRENT SECTION
Start-up Current
IST
VCC = VTH (ST)-0.5V,
RBIAS=200kΩ, Before turn on
70
80
μA
Operating Current
ICC(OPR)
RBIAS=200kΩ
680
900
μA
DRIVE OUTPUT SECTION
OUT Maximum Current
Sink
IOUT
RBIAS=200kΩ
50
mA
Source
25
30
CURRENT SENSE SECTION
Current Sense Threshold
VCS
490
510
530
mV
Pre-Current Sense
VCS(PRE)
440
460
480
mV
Leading Edge Blanking
430
ns
FEEDBACK INPUT SECTION
Feedback
Pin
Input
Leakage
Current
IFB
VFB=4V
10.0
12.5
15.0
μA
Feedback Threshold
VFB
3.90
4.00
4.10
V
Enable Turn-on Voltage
VFB(EN)
-0.9
-0.7
-0.5
V
COMP THRESHOLD VOLTAGE SECTION
Turn-on Threshold Voltage
VCOMP
3.42
3.60
3.78
V
PROTECTION SECTION
Over Voltage Protection
VFB(OVP)
789
V
(VCC=15V, TA=25
oC, unless otherwise specified.)
Electrical Characteristics


Similar Part No. - AP3706M-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3706M-E1 BCDSEMI-AP3706M-E1 Datasheet
75Kb / 2P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706M-E1 BCDSEMI-AP3706M-E1 Datasheet
472Kb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
More results

Similar Description - AP3706M-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3706 BCDSEMI-AP3706 Datasheet
75Kb / 2P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3708N BCDSEMI-AP3708N Datasheet
1Mb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
AP3706 BCDSEMI-AP3706_09 Datasheet
472Kb / 13P
   PRIMARY SIDE CONTROL IC FOR OFF-LINE BATTERY CHARGERS
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
logo
Texas Instruments
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
[Old version datasheet]   Off-Line Primary-Side Sensing Controller
logo
Mitsumi Electronics, Co...
MM3460XF MITSUMI-MM3460XF Datasheet
504Kb / 18P
   Primary-Side Power Control IC for LED Lights
logo
Diodes Incorporated
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com