Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550C202T250AF2B Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 550C202T250AF2B
Description  Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

550C202T250AF2B Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  550C202T250AF2B Datasheet HTML 1Page - Cornell Dubilier Electronics 550C202T250AF2B Datasheet HTML 2Page - Cornell Dubilier Electronics 550C202T250AF2B Datasheet HTML 3Page - Cornell Dubilier Electronics 550C202T250AF2B Datasheet HTML 4Page - Cornell Dubilier Electronics 550C202T250AF2B Datasheet HTML 5Page - Cornell Dubilier Electronics 550C202T250AF2B Datasheet HTML 6Page - Cornell Dubilier Electronics 550C202T250AF2B Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 550C 105 °C Ultra Ripple, Long-life, Inverter Grade, Aluminum
Ultra-Ripple, Long Life, Computer Grade
The Ultimate in Ripple and Life
Type 550C is the standard for motor drive and other high-ripple, long-life
applications. It boasts more than 25% extra ripple capability per can size,
but less capacitance than Type 520C. Expected operating life is more than
100,000 hours in typical applications. (See Operating Life) Type 550C is
rated for 10,000 hours life with full ripple current, rated voltage, 85 ºC and
100 lfm airflow while mounted horizontally. Horizontal mounting is more
severe than vertical mounting. The extended cathode foil of the 550C assures
heat flow from the capacitor element to the can in all orientations.
Highlights
10,000 hour load life
Ripple current to 105 amps
ESRs to 7 m
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
DCLeakage Current:
Cold Impedence:
Ripple Current Multipliers:
–40 °C to +105 °C
200 to 500 Vdc
91 µF to 35,000 µF
–10% +50%
≤3√CV µA (4mA max.)
–20 °C multiple of 25 °C Z ≤ 3
EIA Ripple Life:
Life Test:
Shelf Life:
Vibration:
10,000 h at full load @ 85 °C per EIA IS-749
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
10,000 h at full load @ 105 °C and rated voltage
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
500 h @ 105 °C, Capacitance, ESR and DCL, initial re-
quirements.
0 to 55 Hz, 0.06” and 10 g max, 1.5 h ea. of 2 axis
10 kHz
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz & up
1 3/8” & 1 3/4” Diameters
200 to 350 V
0.77 0.82
1.00
1.21
1.32 1.37
1.38
400 to 500 V
0.73 0.78
1.00
1.33
1.53 1.66
1.68
3” & 3 1/2” Diameters
200 to 350 V
0.8
0.85
1.00
1.17
1.24 1.28
1.29
400 to 500 V
0.73 0.79
1.00
1.31
1.51 1.63
1.65
45 °C
55 °C
65 °C
75 °C
85 °C
95 ºC
105 ºC
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Frequency
Ambient Temperature
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 550C202T250AF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550C202T450DJ2B CDE-550C202T450DJ2B Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C202T500CE2B CDE-550C202T500CE2B Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
More results

Similar Description - 550C202T250AF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
450C CDE-450C Datasheet
270Kb / 4P
   Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
550C282T200CH2B CDE-550C282T200CH2B Datasheet
200Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com