Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK15-B-1 Datasheet(PDF) 3 Page - Meder Electronic

Part # MK15-B-1
Description  Reed Sensors for SMD Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK15-B-1 Datasheet(HTML) 3 Page - Meder Electronic

  MK15-B-1 Datasheet HTML 1Page - Meder Electronic MK15-B-1 Datasheet HTML 2Page - Meder Electronic MK15-B-1 Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
244
www.meder.com
MEDER electronic
MK15 Series
Reed Sensors for
SMD Mounting
CONTACT DATA
All Data at 20° C
Contact Form →
Form A
Contact Ratings
Conditions
Min.
Typ. Max. Units
Switching Power
Any DC combination of V & A not to
exceed their individual max.‘s
10
W
Switching Voltage
DC or peak AC
200
V
Switching Current
DC or peak AC
0.5
A
Carry Current
DC or peak AC
1.25
A
Static Contact Resistance
w/ 0.5 V & 10 mA
150
Dynamic Contact Resistance
Measured w/ 0.5 V & 50 mA ,
1.5 ms after closure
200
Insulation Resistance across Contacts
100 volts applied
1012
Ω
Breakdown Voltage across Contact
Voltage applied for 60 sec. min.
225
VDC
Operation Time incl. Bounce
Measured w/ 100 % overdrive
0.5
ms
Release Time
Measured w/ no coil suppression
0.1
ms
Capacitance
at 10 kHz cross contact
0.2
pF
Contact Operation *
Must Operate Condition
Steady state field
10
30
AT
Must Release Condition
Steady state field
4
27
AT
Environmental Data
Shock Resistance
1/2 sinus wave duration 11 ms
30
g
Vibration Resistance
From 10 - 2000 Hz
20
g
Ambient Temperature
10°C/ minute max. allowable
-40
85
o
C
Stock Temperature
10°C/ minute max. allowable
-50
85
o
C
Soldering Temperature
5 sec. dwell
260
o
C
Please note: The indicated electrical data are maximum values and can vary downwards when using a more
sensitive switch.
* These ranges refer to the uncut / unmodified Reed Switches described in our Reed Switch section. Consult factory if
more detail is required.


Similar Part No. - MK15-B-1

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK15-B-1 MEDER-MK15-B-1 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK15-B-1_DE MEDER-MK15-B-1_DE Datasheet
73Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK15-B-1

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK23-35-B-2 MEDER-MK23-35-B-2_10 Datasheet
771Kb / 7P
   Open Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1_10 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com