Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3039FNTR-G1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3039FNTR-G1
Description  BOOST CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3039FNTR-G1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3039FNTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3039FNTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3039FNTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3039FNTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3039FNTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3039FNTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3039FNTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3039FNTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3039FNTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
BOOST CONTROLLER
AP3039
Preliminary Datasheet
9
BCD Semiconductor Manufacturing Limited
May 2008 Rev. 1. 0
Typical Performance Characteristics (Continued)
Figure 8. Supply Current vs. Input Voltage
6
9
12
15
18
21
24
27
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Input Voltage
-50
OC
25
OC
85
OC
125
OC
Figure 9. VCC Voltage vs. Input Voltage
6
9
12
15
18
21
24
27
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
Input Voltage (V)
-50
OC
25
OC
85
OC
125
OC
Figure 10. Switching Frequency vs. Case Temperature
-50
-25
0
25
50
75
100
125
0.90
0.95
1.00
1.05
1.10
1.15
1.20
R
T
=51kΩ
Case Temperature (
OC)
Figure 11. Switching Frequency vs. RT Value
40
60
80
100
120
140
160
180
300
400
500
600
700
800
900
1000
1100
1200
RT (kΩ)


Similar Part No. - AP3039FNTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3039FNTR-G1 BCDSEMI-AP3039FNTR-G1 Datasheet
812Kb / 19P
   BOOST CONTROLLER
More results

Similar Description - AP3039FNTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039_09 Datasheet
812Kb / 19P
   BOOST CONTROLLER
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863 Datasheet
378Kb / 27P
   Boost Controller
V1.0, May 2003
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
   PWM BOOST CONTROLLER
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
   PWM BOOST CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM5174 HMSEMI-HM5174 Datasheet
968Kb / 12P
   SYNCHRONOUS BOOST CONTROLLER
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com