Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3188BA272U075APA1 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 3188BA272U075APA1
Description  Aluminum Electrolytic Screw Terminals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3188BA272U075APA1 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  3188BA272U075APA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3188BA272U075APA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3188BA272U075APA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3188BA272U075APA1 Datasheet HTML 4Page - Cornell Dubilier Electronics 3188BA272U075APA1 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 3188 Aluminum Electrolytic Screw Terminals
Part Numbering System
Case Dimensions Insulation Adders
Diameter (D)
Length (L)
(in)
(mm )
(in)
(mm )
0.008" PVC
0.02
0.51
0.032
0.81
0.012" PVC
0.03
0.63
0.062
1.58
Terminal Dimensions
3188
Type
GH
Case Code
562
Capacitance
562=5600 µF
223=22000 µF
821=820 µF
T
Tolerance
M= ±20%
S= –10 +30%
T= –10 +50%
U= –10 +75%
400
Voltage
016=16 Vdc
450=450 Vdc
M
Terminal
A=high post
B=low post
D=high current
low post
K=high current
high post
M=M5 high post
J=M6 low post
P
Insulation
P=0.008” PVC
H=0.012” PVC
with mounting
clamp/bracket
R=0.008” PVC
J=0.012” PVC
A1
Construction*
A1=potted
R1=rilled
S1=stud &
potted**
T1=stud &
rilled**
* Construction code is also a sequence number, e.g., A1, A2,---,A9, B1,B2,---,
for customer specifications. Sequence number 1 in A1, R1, S1 and T1 denotes
the standard catalog capacitor with no special requirements.
**Mounting stud not available for 1.375” diameter cases, case codes BA, BC
and BE
Outline Drawing
Click here to
see Hardware &
Mounting Options
For Case
Post Diameter
H max
min Full Thread
Torque
Terminal Style
Diameters Code
in
mm
in
mm Thread
in
mm
in·lb N·m
Low Post
1⅜ to 3
B
0.314 8.0
0.094 2.4 10–32 0.218
5.5
25
2.82
High Post
1⅜ to 3
A
0.314 8.0
0.281 7.1 10–32 0.375
9.5
25
2.82
High Current, Low
2½ & 3
D
0.684 17.4
0.125 3.2
¼–28 0.344
8.7
60
6.78
High Current, High 2½ & 3
K
0.684 17.4
0.281 7.1
¼–28 0.469
11.9
60
6.78
M5 Post, Small
1⅜ to 2
M
0.314 8.0
0.281 7.1
M5
0.375
9.5
25
2.82
M6 Low Post
3
J
0.684 17.4
0.125 3.2
M6
0.344
8.7
60
6.78


Similar Part No. - 3188BA272U075APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3188BA272U075APA1 CDE-3188BA272U075APA1 Datasheet
784Kb / 7P
   85 째C Long Life Screw Terminal Type
More results

Similar Description - 3188BA272U075APA1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
logo
EPCOS
B44020 EPCOS-B44020 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B43310 EPCOS-B43310 Datasheet
248Kb / 13P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
logo
Cornell Dubilier Electr...
3199BA393M7R5APA1 CDE-3199BA393M7R5APA1 Datasheet
426Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3191BA153M7R5BPA1 CDE-3191BA153M7R5BPA1 Datasheet
362Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com