Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3410GJ122M450HPA1 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 3410GJ122M450HPA1
Description  85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3410GJ122M450HPA1 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  3410GJ122M450HPA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3410GJ122M450HPA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3410GJ122M450HPA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3410GJ122M450HPA1 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 3410 85 ºC, 4-Pin, Multipin Snap-In Aluminum Electrolytic
Ratings
Max ESR
Ripple Amps
Nominal
@ 25 °C
Max @ 85 °C
Size
Cap.
Catalog Part Number
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(µF)
(Ω)
(Ω)
(A)
(A)
(mm)
100 Vdc (125 Vdc Surge)
4700
3410DF472M100HPA1
0.037
0.018
7.70
11.17
35 x 50
5600
3410EF562M100HPA1
0.038
0.018
8.10
11.75
40 x 50
6800
3410DG682M100HPA1
0.031
0.015
9.10
13.20
35 x 63
6800
3410FF682M100HPA1
0.037
0.018
8.90
12.91
45 x 50
8200
3410DH822M100HPA1
0.026
0.012
10.90
15.81
35 x 80
8200
3410EG822M100HPA1
0.027
0.013
10.40
15.08
40 x 63
8200
3410GF822M100HPA1
0.040
0.019
9.10
13.20
50 x 50
10000
3410DJ103M100HPA1
0.021
0.010
13.50
19.58
35 x 105
10000
3410EH103M100HPA1
0.023
0.011
12.20
17.69
40 x 80
10000
3410FG103M100HPA1
0.029
0.014
10.80
15.66
45 x 63
11000
3410FH113M100HPA1
0.025
0.012
12.50
18.13
45 x 80
11000
3410GG113M100HPA1
0.031
0.015
10.80
15.66
50 x 63
12000
3410EJ123M100HPA1
0.021
0.010
14.60
21.17
40 x 105
13000
3410GH133M100HPA1
0.026
0.012
12.70
18.42
50 x 80
14000
3410FJ143M100HPA1
0.020
0.010
15.00
21.75
45 x 105
16000
3410GJ163M100HPA1
0.022
0.010
15.00
21.75
50 x 105
250 Vdc (300 Vdc Surge)
1200
3410DF122M250HPA1
0.085
0.040
5.20
7.54
35 x 50
1400
3410EF142M250HPA1
0.075
0.036
5.90
8.56
40 x 50
1600
3410FF162M250HPA1
0.071
0.034
6.30
9.14
45 x 50
1800
3410DG182M250HPA1
0.055
0.026
7.10
10.30
35 x 63
1900
3410GF192M250HPA1
0.065
0.031
7.10
10.30
50 x 50
2100
3410EG212M250HPA1
0.054
0.026
7.50
10.88
40 x 63
2200
3410DH222M250HPA1
0.048
0.023
7.90
11.46
35 x 80
2500
3410FG252M250HPA1
0.051
0.024
8.10
11.75
45 x 63
2600
3410EH262M250HPA1
0.043
0.020
8.80
12.76
40 x 80
2700
3410DJ272M250HPA1
0.040
0.019
9.40
13.63
35 x 105
3000
3410GG302M250HPA1
0.046
0.022
9.00
13.05
50 x 63
3100
3410FH312M250HPA1
0.041
0.020
9.60
13.92
45 x 80
3300
3410EJ332M250HPA1
0.035
0.017
10.70
15.52
40 x 105
3700
3410GH372M250HPA1
0.037
0.018
10.50
15.23
50 x 80
3900
3410FJ392M250HPA1
0.034
0.016
11.50
16.68
45 x 105
4700
3410GJ472M250HPA1
0.031
0.015
12.50
18.13
50 x 105
350 Vdc (400 Vdc Surge)
560
3410DF561M350HPA1
0.089
0.042
3.40
4.93
35 x 50
680
3410EF681M350HPA1
0.159
0.076
4.00
5.80
40 x 50
820
3410DG821M350HPA1
0.132
0.063
4.50
6.53
35 x 63
820
3410FF821M350HPA1
0.145
0.069
4.50
6.53
45 x 50
1000
3410DH102M350HPA1
0.103
0.049
5.30
7.69
35 x 80
1000
3410EG102M350HPA1
0.112
0.053
5.20
7.54
40 x 63
1000
3410GF102M350HPA1
0.121
0.058
5.20
7.54
50 x 50


Similar Part No. - 3410GJ122M450HPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3410GJ122M450HPA1 CDE-3410GJ122M450HPA1 Datasheet
243Kb / 5P
   Round Snap-In Aluminum Electrolytic Capaci-
More results

Similar Description - 3410GJ122M450HPA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com