Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

556101M010BA2 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 556101M010BA2
Description  Computer Grade, Axial Leaded, Aluminum
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

556101M010BA2 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  556101M010BA2 Datasheet HTML 1Page - Cornell Dubilier Electronics 556101M010BA2 Datasheet HTML 2Page - Cornell Dubilier Electronics 556101M010BA2 Datasheet HTML 3Page - Cornell Dubilier Electronics 556101M010BA2 Datasheet HTML 4Page - Cornell Dubilier Electronics 556101M010BA2 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
105 °C, Computer Grade
Type 556 capacitors are designed for data processing,
telecom and instrumentation applications requiring
smaller size with extended temperature range. They
have longer life and up to twice the ripple capability
of +85 °C capacitors.
Highlights
Small size
Extended life
Extended temperature
Twice ripple capability of +85 C capacitors
Designed for data processing, telecom
and instrumentation applications
Frequency
50 Hz
60 Hz
120 Hz
360 Hz 1 kHz
5 kHz
10 kHz+
0-60 Vdc
0.85
1.00
1.10
1.15
1.15
1.15
1.15
61-150 Vdc
0.83
1.00
1.15
1.20
1.20
1.20
1.20
45 °C
55 °C
65 °C
75 °C
85 °C
95 °C
105 °C
1.50
1.46
1.32
1.17
1.00
0.79
0.50
Load Life:
4,000 h @ +105 °C, capacitance
20%, ESR 200% of limit, DCL 100% of limit
Shelf Life:
100 h at 105 °C, capacitance, ESR & DCL, initial requirements.
Vibration:
10 to 55 Hz; 0.06” and 10 g max, 2 h. in each plane
Outline Drawings
38 mm min.
L
20 AWG 0.81
D
Specifications
Operating Temperature Range:
40 °C to +105 °C
Rated Voltage Range:
6.3 to 450 Vdc
Capacitance:
1.5 F to 6,800 F
Capacitance Tolerance:
20%
Leakage Current:
3-20 Vdc 0.1
CV +2 A
25 Vdc & up 0.2
CV +2 A
Ripple Current:
Ambient Temperature
38 mm min.
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 556 105 °C, Computer Grade, Axial Leaded, Aluminum


Similar Part No. - 556101M010BA2

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
556 MALLORY-556 Datasheet
56Kb / 2P
   BIG TWIN MOTORCYCLES
logo
List of Unclassifed Man...
556 ETC2-556 Datasheet
1Mb / 16P
   Drywall Punch
logo
EDAC, All Rights Reserv...
556-003-000-101 EDAC-556-003-000-101 Datasheet
243Kb / 2P
   556 Series Rack and Panel Connectors | .156" (3.96mm) Contact Spacing | 3 Pin
556-003-000-102 EDAC-556-003-000-102 Datasheet
243Kb / 2P
   556 Series Rack and Panel Connectors | .156" (3.96mm) Contact Spacing | 3 Pin
556-003-000-201 EDAC-556-003-000-201 Datasheet
243Kb / 2P
   556 Series Rack and Panel Connectors | .156" (3.96mm) Contact Spacing | 3 Pin
More results

Similar Description - 556101M010BA2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
NLW200-6 CDE-NLW200-6 Datasheet
156Kb / 2P
   105 ?C, Miniature Computer Grade, Axial Leaded
logo
List of Unclassifed Man...
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
057152U6R3FE2 ETC2-057152U6R3FE2 Datasheet
175Kb / 4P
   Military Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
WBR100-16A CDE-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
logo
List of Unclassifed Man...
066182U6R3FE2 ETC2-066182U6R3FE2 Datasheet
75Kb / 6P
   Standard, Axial Leaded, Aluminum
CGS ETC1-CGS Datasheet
1Mb / 7P
   Computer Grade Aluminum Electrolytic Capacitor
logo
Cornell Dubilier Electr...
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
   Axial Leaded Aluminum Electrolytic Capacitors
TC1530 CDE-TC1530 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com